Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5580BCCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5580BCCZ-R7
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580BCCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5580BCCZ-R7 Datasheet HTML 1Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 2Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 3Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 4Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 5Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 6Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 7Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 8Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADL5580
Data Sheet
Rev. 0 | Page 4 of 22
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
NOISE AND HARMONIC PERFORMANCE
Input Signal Frequency, 100 MHz
Second Harmonic Distortion (HD2)
−77.2
dBc
Third Harmonic Distortion (HD3)
−74.2
dBc
Output Third-Order Intercept (OIP3)
43.6
dBm
Third-Order Intermodulation Distortion (IMD3)
−84.7
dBc
Output Second-Order Intercept (OIP2)
77.7
dBm
Second-Order Intermodulation Distortion (IMD2)
−76.4
dBc
Output 1 dB Compression Point (OP1dB)
17.5
dBm
Noise Figure
11.3
dB
NSD, RTI2
2.25
nV/√Hz
Input Signal Frequency, 500 MHz
HD2
−66.4
dBc
HD3
−66.1
dBc
OIP3
40.3
dBm
IMD3
−78.2
dBc
OIP2
66.8
dBm
IMD2
−65.6
dBc
OP1dB
17.5
dBm
Noise Figure
11.2
dB
NSD, RTI2
2.23
nV/√Hz
Input Signal Frequency, 1000 MHz
HD2
−66.3
dBc
HD3
−61.1
dBc
OIP3
38.1
dBm
IMD3
−73.5
dBc
OIP2
65.9
dBm
IMD2
−64.7
dBc
OP1dB
17.5
dBm
Noise Figure
11.3
dB
NSD, RTI2
2.24
nV/√Hz
Input Signal Frequency, 2000 MHz
HD2
−59.4
dBc
HD3
−54.3
dBc
OIP3
35.3
dBm
IMD3
−68.2
dBc
OIP2
60.2
dBm
IMD2
−59.1
dBc
OP1dB
17.5
dBm
Noise Figure
11.4
dB
NSD, RTI2
2.26
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com