Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5580BCCZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5580BCCZ-R7
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580BCCZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5580BCCZ-R7 Datasheet HTML 9Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 10Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 11Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 12Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 13Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 16Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
ADL5580
Rev. 0 | Page 13 of 22
M10.0ns
50
B/W: 4.0G
A CH3
960mV
M1
3
T
6.1ns
a
b
CH3 1.0V/DIV
M1 200mV
Figure 24. Enable Time Domain Response (Channel 3 (3) Is the Enable
Voltage, and Marker 1 (M1) Is the Output Voltage)
2000
1000
0
–1000
1500
500
–500
–1500
–2000
–10
–8
–6
–4
–2
0
2
4
6
8
10
TIME (ns)
CPEAK = 7
CPEAK = 3
CPEAK = 0
Figure 25. Large Signal Pulse Response
50
45
40
35
30
25
20
15
10
5
0
10
100
1000
10000
FREQUENCY (MHz)
Figure 26. CMRR vs. Frequency
250
200
150
100
50
0
2
4
6
8
10
12
FREQUENCY (GHz)
Figure 27. Group Delay vs. Frequency
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
10
1
100
1000
10000
FREQUENCY (MHz)
CPEAK = 7
CPEAK = 3
CPEAK = 0
Figure 28. SDD12 vs. Frequency (Red: CPEAK = 0, Green: CPEAK = 3,
and Blue: CPEAK = 7)
280
279
278
277
276
275
274
273
272
271
270
–220
–221
–224
–223
–222
–225
–226
–227
–228
–229
–230
TEMPERATURE (°C)
Figure 29. PAVCC Current (PIACC) and MAVEE Current (MAIEE) vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com