Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5580BCCZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5580BCCZ-R7
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580BCCZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5580BCCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 16Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 17Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 18Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 19Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 20Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 21Page - Analog Devices ADL5580BCCZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ADL5580
Data Sheet
Rev. 0 | Page 20 of 22
Address: 0x004, Reset: 0x03, Name: PRODUCT_ID_L
Table 13. Bit Descriptions for PRODUCT_ID_L
Bit(s)
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID_L
Product_ID_L, Lower 8 Bits
0x03
R
Address: 0x005, Reset: 0x00, Name: PRODUCT_ID_H
Table 14. Bit Descriptions for PRODUCT_ID_H
Bit(s)
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID_H
Product_ID_H, Higher 8 Bits
0x00
R
Address: 0x00A, Reset: 0x00, Name: SCRATCHPAD
Table 15. Bit Descriptions for SCRATCHPAD
Bit(s)
Bit Name
Description
Reset
Access
[7:0]
SCRATCHPAD
Scratch Pad
0x00
R/W
Address: 0x00B, Reset: 0x00, Name: SPI_REV
Table 16. Bit Descriptions for SPI_REV
Bit(s)
Bit Name
Description
Reset
Access
[7:0]
SPI_REV
SPI Register Map Revision
0x00
R
Address: 0x010, Reset: 0x00, Name: VARIANT_FEOL
Table 17. Bit Descriptions for VARIANT_FEOL
Bit(s)
Bit Name
Description
Reset
Access
[7:4]
FEOL
Front End of Line (FEOL)
0x00
R
[3:0]
VARIANT
Variant
0x00
R
Address: 0x011, Reset: 0x00, Name: BEOL_SIF
Table 18. Bit Descriptions for BEOL_SIF
Bit(s)
Bit Name
Description
Reset
Access
[7:4]
SIF
Stress Intensity Factor (SIF) Version
0x00
R
[3:0]
BEOL
Back End of Line (BEOL) Version
0x00
R
Address: 0x100, Reset: 0x78, Name: GEN_CTL0
Table 19. Bit Descriptions for GEN_CTL0
Bit(s)
Bit Name
Description
Reset
Access
[7:6]
PRG_OTRM_1P8V
These bits set up the output VCM.
0x1
R/W
[5:4]
MS_OTRM_1P8V
These bits set VCM to internal or external and set the VCMO pin definition.
0x3
R/W
[3:2]
PRG_ITRM_1P8V
These bits set up the input VCM.
0x2
R/W
[1:0]
MS_ITRM_1P8V
These bits set VCM to internal or external and set the VCMI pin definition.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com