Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8104ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8104ACPZN-R7
Description  Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8104ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL8104ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADL8104
Rev. 0 | Page 3 of 23
SPECIFICATIONS
0.4 GHz TO 0.6 GHz FREQUENCY RANGE
VDD = 5 V, total supply current (IDQ) = 150 mA, RBIAS = 90.9 Ω, and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.4
0.6
GHz
GAIN
11.5
14
dB
Gain Variation over Temperature
0.036
dB/°C
NOISE FIGURE
3.5
dB
RETURN LOSS
Input
12
dB
Output
13
dB
OUTPUT
OP1dB
16.5
19
dBm
Saturated Output Power (PSAT)
21
dBm
OIP3
32
dBm
Measurement taken at output power (POUT) per tone = 5 dBm
OIP2
50
dBm
Measurement taken at POUT per tone = 5 dBm
POWER ADDED EFFICIENCY (PAE)
18
%
Measured at PSAT
0.6 GHz TO 6 GHz FREQUENCY RANGE
VDD = 5 V, IDQ = 150 mA, RBIAS = 90.9 Ω, and TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.6
6
GHz
GAIN
12
15
dB
Gain Variation over Temperature
0.030
dB/°C
NOISE FIGURE
3.5
dB
RETURN LOSS
Input
12
dB
Output
12
dB
OUTPUT
OP1dB
17.5
20
dBm
PSAT
21
dBm
OIP3
32
dBm
Measurement taken at POUT per tone = 5 dBm
OIP2
52
dBm
Measurement taken at POUT per tone = 5 dBm
PAE
12
%
Measured at PSAT
6 GHz TO 7.5 GHz FREQUENCY RANGE
VDD = 5 V, IDQ = 150 mA, RBIAS = 90.9 Ω, and TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
6
7.5
GHz
GAIN
10
13
dB
Gain Variation over Temperature
0.041
dB/°C
NOISE FIGURE
4.5
dB
RETURN LOSS
Input
12
dB
Output
12
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com