Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8104ACPZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL8104ACPZN-R7
Description  Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8104ACPZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL8104ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADL8104
Rev. 0 | Page 11 of 23
0
–40
–25
–5
–15
–30
–35
–10
–20
0.3
1.0
0.9
0.8
0.7
0.6
0.5
0.4
FREQUENCY (GHz)
1180Ω = 100mA
440Ω = 125mA
90.9Ω = 150mA
0Ω = 165mA
Figure 31. Reverse Isolation vs. Frequency for Various RBIAS and IDQ Values,
0.3 GHz to 1 GHz, VDD = 5 V
10
0
5
9
7
3
1
4
2
8
6
0.3
1.0
0.9
0.8
0.7
0.6
0.5
0.4
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 32. Noise Figure vs. Frequency for Various Temperatures, 0.3 GHz to
1 GHz, VDD = 5 V, IDQ = 150 mA, RBIAS = 90.9 Ω
10
0
3
6
8
9
1
4
2
5
7
FREQUENCY (GHz)
0.3
1.0
0.4
0.8
0.6
0.5
0.9
0.7
5.5V = 155mA
5.0V = 150mA
4.5V = 120mA
4.0V = 105mA
3.5V = 88mA
3.0V = 70mA
Figure 33. Noise Figure vs. Frequency for Various VDD and IDQ Values, 0.3 GHz
to 1 GHz, RBIAS = 90.9 Ω
0
10
8
6
4
9
7
5
3
2
1
FREQUENCY (GHz)
0
–40
–25
–5
–15
–30
–35
–10
–20
1180Ω = 100mA
440Ω = 125mA
90.9Ω = 150mA
0Ω = 165mA
Figure 34. Reverse Isolation vs. Frequency for Various RBIAS and IDQ Values,
1 GHz to 10 GHz, VDD = 5 V
10
0
5
9
7
3
1
4
2
8
6
+85°C
+25°C
–40°C
0
10
8
6
4
2
FREQUENCY (GHz)
Figure 35. Noise Figure vs. Frequency for Various Temperatures, 1 GHz to
10 GHz, VDD = 5 V, IDQ = 150 mA, RBIAS = 90.9 Ω
10
0
3
6
8
9
1
4
2
5
7
5.5V = 155mA
5.0V = 150mA
4.5V = 120mA
4.0V = 105mA
3.5V = 88mA
3.0V = 70mA
0
10
1
7
3
2
9
5
6
8
4
FREQUENCY (GHz)
Figure 36. Noise Figure vs. Frequency for Various VDD and IDQ Values, 1 GHz
to 10 GHz, RBIAS = 90.9 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com