Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8104ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8104ACPZN-R7
Description  Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8104ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8104ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Wideband, High Linearity,
Low Noise Amplifier, 0.4 GHz to 7.5 GHz
Data Sheet
ADL8104
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single positive supply (self biased)
High OIP2: 52 dBm typical at 0.6 GHz to 7.5 GHz
High gain: 15 dB typical at 0.6 GHz to 6 GHz
High OIP3: 32 dBm typical
Low noise figure: 3.5 dB typical at 0.4 GHz to 6 GHz
RoHS-compliant, 3 mm × 3 mm, 16-lead LFCSP
APPLICATIONS
Test instrumentation
Military communications
FUNCTIONAL BLOCK DIAGRAM
12
11
10
1
3
4
9
2
GND
RFIN
NC
NC
NC
RFOUT
GND
NC
Figure 1.
GENERAL DESCRIPTION
The ADL8104 is a gallium arsenide (GaAs), monolithic
microwave integrated circuit (MMIC), pseudomorphic high
electron mobility transistor (pHEMT), low noise, wideband,
high linearity amplifier that operates from 0.4 GHz to 7.5 GHz.
The ADL8104 provides a typical gain of 15 dB at 0.6 GHz to
6 GHz, a 3.5 dB typical noise figure at 0.4 GHz to 6 GHz, a
20 dBm typical output power for 1 dB compression (OP1dB) at
0.6 GHz to 6 GHz, and a typical output third-order intercept
(OIP3) of 32 dBm at 0.6 GHz to 6 GHz, requiring only 150 mA
from a 5 V drain supply voltage. The low noise amplifier has a
high output second-order intercept (OIP2) of 52 dBm typical at
0.6 GHz to 6 GHz, making the ADL8104 suitable for military
and test instrumentation applications.
The ADL8104 also features inputs and outputs that are
internally matched to 50 Ω. The RFIN and RFOUT pins are
internally ac-coupled and the bias inductor is also integrated,
making the ADL8104 ideal for surface-mounted technology
(SMT)-based, high density applications.
The ADL8104 is housed in an RoHS-compliant, 3 mm × 3 mm,
16-lead LFCSP.


Similar Part No. - ADL8104ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVAL1Z AD-ADL8100-EVAL1Z Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVALZ AD-ADL8100-EVALZ Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN AD-ADL8100ACPZN Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN-R7 AD-ADL8100ACPZN-R7 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results

Similar Description - ADL8104ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6232 AVAGO-AMMC-6232 Datasheet
1Mb / 8P
18 to 32 GHz GaAs High Linearity Low Noise Amplifier
AMMC-6222 AVAGO-AMMC-6222 Datasheet
1Mb / 12P
7 to 21 GHz GaAs High Linearity Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
857Kb / 14P
0.4-3.0 GHz Low Noise Amplifier
logo
NXP Semiconductors
BGU7044 PHILIPS-BGU7044 Datasheet
163Kb / 10P
1 GHz wideband low-noise amplifier
Rev. 1-2 January 2012
logo
Skyworks Solutions Inc.
SKY67101-396LF SKYWORKS-SKY67101-396LF Datasheet
1,019Kb / 12P
SKY67101-396LF 0.4-1.2 GHz High Linearity, Active Bias Low-Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6222 AVAGO-AMMC-6222_15 Datasheet
1Mb / 2P
7 to 21 GHz GaAs High Linearity Low Noise Amplifier
logo
Analog Devices
HMC8412 AD-HMC8412 Datasheet
430Kb / 18P
Low Noise Amplifier, 0.4 GHz to 11 GHz
5/2020-Revision 0
logo
Broadcom Corporation.
AMMC-6222 BOARDCOM-AMMC-6222 Datasheet
1Mb / 12P
7 to 21 GHz GaAs High Linearity Low Noise Amplifier
AMMC-6232 BOARDCOM-AMMC-6232 Datasheet
1Mb / 8P
18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
Analog Devices
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com