Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8104ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL8104ACPZN-R7
Description  Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8104ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL8104ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ADL8104
Data Sheet
Rev. 0 | Page 16 of 23
25
0
5
15
10
20
195
145
165
185
155
175
INPUT POWER (dBm)
–16
12
–12
4
–4
–8
8
0
POUT
GAIN
PAE
IDD
Figure 61. POUT, Gain, PAE, and IDD vs. Input Power,
Power Compression at 5 GHz, VDD = 5 V, RBIAS = 90.9 Ω
25
0
5
15
10
20
215
115
135
195
175
155
SUPPLY VOLTAGE (V)
3.0
5.5
3.5
4.5
4.0
5.0
OP1dB
GAIN
PSAT
IDD
Figure 62. OP1dB, Gain, PSAT, and IDD (Measured at PSAT) vs. Supply Voltage,
Power Compression at 0.4 GHz, RBIAS = 90.9 Ω
25
0
5
15
10
20
215
115
135
195
175
155
SUPPLY VOLTAGE (V)
3.0
5.5
3.5
4.5
4.0
5.0
OP1dB
GAIN
PSAT
IDD
Figure 63. OP1dB, Gain, PSAT, and IDD (Measured at PSAT) vs. Supply Voltage,
Power Compression at 5 GHz, RBIAS = 90.9 Ω
20
0
4
12
8
16
165
145
150
160
155
INPUT POWER (dBm)
–14
10
–10
6
–2
–6
2
POUT
GAIN
PAE
IDD
Figure 64. POUT, Gain, PAE, and IDD vs. Input Power,
Power Compression at 7 GHz, VDD = 5 V, RBIAS = 90.9 Ω
25
0
5
15
10
20
270
120
150
240
210
180
SUPPLY VOLTAGE (V)
3.0
5.5
3.5
4.5
4.0
5.0
OP1dB
GAIN
PSAT
IDD
Figure 65. OP1dB, Gain, PSAT, and IDD (Measured at PSAT) vs. Supply Voltage,
Power Compression at 2 GHz, RBIAS = 90.9 Ω
25
0
5
15
10
20
210
85
110
185
160
135
SUPPLY VOLTAGE (V)
3.0
5.5
3.5
4.5
4.0
5.0
OP1dB
GAIN
PSAT
IDD
Figure 66. OP1dB, Gain, PSAT, and IDD (Measured at PSAT) vs. Supply Voltage,
Power Compression at 7 GHz, RBIAS = 90.9 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com