Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8104ACPZN-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL8104ACPZN-R7
Description  Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8104ACPZN-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL8104ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADL8104
Data Sheet
Rev. 0 | Page 20 of 23
0
1
10
7
3
2
9
5
6
8
4
FREQUENCY (GHz)
70
0
10
30
50
60
20
40
1180Ω = 100mA
440Ω = 125mA
90.9Ω = 150mA
0Ω = 165mA
Figure 83. OIP2 vs. Frequency for Various RBIAS and IDQ Values, 1 GHz to
10 GHz, VDD = 5 V, POUT per Tone = 5 dBm
230
210
–10
10
110
30
130
50
150
70
170
90
190
SUPPLY VOLTAGE (V)
0
5.5
0.5
5.0
2.5
1.5
4.5
3.5
1.0
3.0
2.0
4.0
Figure 84. IDQ vs. Supply Voltage, RBIAS = 90.9 Ω
180
150
120
90
0
0.2
0.4
0.6
0.8
1.0
1.2
BIAS RESISTOR V
ALUE (kΩ)
Figure 85. IDQ vs. Bias Resistor Value, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com