Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8104ACPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL8104ACPZN-R7
Description  Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8104ACPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL8104ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADL8104
Data Sheet
Rev. 0 | Page 4 of 23
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT
OP1dB
15.5
18
dBm
PSAT
19
dBm
OIP3
32
dBm
Measurement taken at POUT per tone = 5 dBm
OIP2
52
dBm
Measurement taken at POUT per tone = 5 dBm
PAE
12
%
Measured at PSAT
DC SPECIFICATIONS
Table 4.
Parameter
Min
Typ
Max
Unit
SUPPLY CURRENT
IDQ
150
mA
Drain Current (IDD)
144
mA
RBIAS Current (IRBIAS)
6
mA
SUPPLY VOLTAGE
VDD
3
5
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com