Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8104ACPZN-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL8104ACPZN-R7
Description  Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8104ACPZN-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL8104ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
ADL8104
Data Sheet
Rev. 0 | Page 22 of 23
APPLICATIONS INFORMATION
The basic connections for operating the ADL8104 over the
specified frequency range are shown in Figure 87. No external
biasing inductor is required, allowing the 5 V supply to be
connected to the VDD pin. The 1 µF and 1000 pF power supply
decoupling capacitors are recommended. The power supply
decoupling capacitors shown in Figure 87 represent the
configuration used to characterize and qualify the ADL8104.
To set IDQ, connect a resistor, R1, between the RBIAS and VDD pins. A
default value of 90.9 Ω is recommended, which results in a
nominal IDQ of 150 mA. Table 9 shows how the IDQ and IDD varies
vs. the bias resistor value. The RBIAS pin also draws a current
that varies with the value of RBIAS (see Table 9). Do not leave the
RBIAS pin open.
R1
90.9Ω
3
2
4
1
10
11
9
12
16
15
14
13
5
6
7
8
ADL8104
GND
C3
1µF
C2
1000pF
VDD
C3
1000pF
GND
GND
RFIN
RFOUT
GND
Figure 87. Typical Application Circuit
RECOMMENDED BIAS SEQUENCING
See the ADL8104-EVALZ user guide for the recommended bias
sequencing information.
Table 9. Recommended Bias Resistor Values
RBIAS (Ω)
IDQ (mA)
IDD (mA)
IRBIAS (mA)
0
165
157.3
7.7
90
150
144
6
440
125
120
5
1180
100
97
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com