Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8104ACPZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL8104ACPZN-R7
Description  Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8104ACPZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL8104ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADL8104
Data Sheet
Rev. 0 | Page 18 of 23
0.3
1.0
0.9
0.8
0.7
0.6
0.5
0.4
FREQUENCY (GHz)
40
0
10
30
20
5
15
35
25
1180Ω = 100mA
440Ω = 125mA
90.9Ω = 150mA
0Ω = 165mA
Figure 73. OIP3 vs. Frequency for Various RBIAS and IDQ Values, 0.3 GHz to
1 GHz, VDD = 5 V, POUT per Tone = 5 dBm
0
10
8
6
4
9
7
5
3
2
1
FREQUENCY (GHz)
70
0
10
50
30
20
60
40
5dBm
2dBm
0dBm
Figure 74. Third-Order Intermodulation Distortion Relative to Carrier (IMD3)
vs. Frequency for Various POUT per Tone, VDD = 5 V, IDQ = 150 mA, RBIAS = 90.9 Ω
70
0
10
50
30
20
60
40
0.3
1.0
0.9
0.8
0.7
0.6
0.5
0.4
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 75. OIP2 vs. Frequency for Various Temperatures, 0.35 GHz to 1 GHz,
VDD = 5 V, IDQ = 150 mA, RBIAS = 90.9 Ω, POUT per Tone = 5 dBm
0
10
8
6
4
9
7
5
3
2
1
FREQUENCY (GHz)
40
0
10
30
20
5
15
35
25
1180Ω = 100mA
440Ω = 125mA
90.9Ω = 150mA
0Ω = 165mA
Figure 76. OIP3 vs. Frequency for Various RBIAS and IDQ Values, 1 GHz to
10 GHz, VDD = 5 V, POUT per Tone = 5 dBm
0
10
8
6
4
9
7
5
3
2
1
FREQUENCY (GHz)
70
0
10
50
30
20
60
40
5dBm
2dBm
0dBm
Figure 77. OIP2 vs. Frequency for Various POUT per Tone, VDD = 5 V,
IDQ = 150 mA, RBIAS = 90.9 Ω
70
0
10
50
30
20
60
40
+85°C
+25°C
–40°C
0
10
8
6
4
9
7
5
3
2
1
FREQUENCY (GHz)
Figure 78. OIP2 vs. Frequency for Various Temperatures, 1 GHz to 10 GHz,
VDD = 5 V, IDQ = 150 mA, RBIAS = 90.9 Ω, POUT per Tone = 5 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com