Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8104ACPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL8104ACPZN-R7
Description  Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8104ACPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL8104ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8104ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADL8104
Rev. 0 | Page 5 of 23
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
VDD
6 V
RF Input Power
25 dBm
Continuous Power Dissipation (PDISS), TA = 85°C
(Derate 22.57 mW/°C Above 85°C)
2.03 W
Temperature
Storage Range
−65°C to +150°C
Operating Range
−40°C to +85°C
Peak Reflow (Moisture Sensitivity Level 3
(MSL3))1
260°C
Junction to Maintain 1,000,000 Hours Mean
Time to Failure (MTTF)
175°C
Nominal Junction (TA = 85°C, VDD = 5 V,
IDQ = 150 mA)
118.22°C
1
See the Ordering Guide for more information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
θJC is the junction to case thermal resistance.
Table 6. Thermal Resistance
Package Type
θJC
Unit
CP-16-35
44.3
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADL8104
Table 7. ADL8104, 16-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±500
1B
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com