Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22HTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTS22HTR
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22HTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTS22HTR Datasheet HTML 5Page - STMicroelectronics STTS22HTR Datasheet HTML 6Page - STMicroelectronics STTS22HTR Datasheet HTML 7Page - STMicroelectronics STTS22HTR Datasheet HTML 8Page - STMicroelectronics STTS22HTR Datasheet HTML 9Page - STMicroelectronics STTS22HTR Datasheet HTML 10Page - STMicroelectronics STTS22HTR Datasheet HTML 11Page - STMicroelectronics STTS22HTR Datasheet HTML 12Page - STMicroelectronics STTS22HTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
5.1.3
READ byte
The READ byte protocol is used to read one byte of data from the registers as shown in the following table.
Table 7. SMBus READ protocol
Start
Slave
address
WR
ACK
Register
address
ACK
start
Slave
address
RD
ACK
data
NACK
stop
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
8 bits
1 bit
1 bit
5.1.4
SEND byte
The SEND byte protocol is used to set the internal address register to the correct address. It sends a register
address with no data (see following table). The SEND byte can be followed by the RECEIVE byte protocol
described in the following section in order to read data from the register
Table 8. SMBus SEND protocol
Start
Slave
address
WR
ACK
Register
address
ACK
stop
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
1 bit
5.1.5
RECEIVE byte
The RECEIVE byte protocol is used to read data from the register when the internal register address pointer is
known (see following table). This can be used for consecutive reads of the same register.
Table 9. SMBus RECEIVE protocol
Start
Slave
address
RD
ACK
data
NACK
stop
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
1 bit
5.1.6
SMBus timeout
The STTS22H supports SMBus timeout which is enabled by default at power-up. This can be disabled via bit 1 in
the CTRL register. When timeout is enabled, the STTS22H will time out after 30 ms (typ) of inactivity. The
STTS22H supports the SMBus timeout feature. If the host holds SCL low for more than tTIMEOUT (max), the
STTS22H resets and releases the bus. This feature is turned on by default.
5.1.7
Alert response address
The STTS22H supports the SMBus alert response address (ARA) protocol. In the event of an out-of-limit
temperature measurement, the ALERT / INT output will be asserted. In response, the host (supporting the ARA
protocol) will send the SMBus Alert Response Address to the general (slave) address of 0001_100b. All devices
with active interrupts will respond with their client addresses (with the LSB bit set to 0). The STTS22H will
acknowledge the ARA and respond with its slave device address. ARA transfer details are available in the
following table.
Table 10. ARA transfer details
Start
Alert response
address
RD
ACK
STTS22H slave
address
NACK
Stop
1 bit
7 bit
1 bit
1 bit
8 bit
1 bit
1 bit
STTS22H
SMBus interface
DS12606 - Rev 4
page 9/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com