Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22HTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTS22HTR
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22HTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTS22HTR Datasheet HTML 6Page - STMicroelectronics STTS22HTR Datasheet HTML 7Page - STMicroelectronics STTS22HTR Datasheet HTML 8Page - STMicroelectronics STTS22HTR Datasheet HTML 9Page - STMicroelectronics STTS22HTR Datasheet HTML 10Page - STMicroelectronics STTS22HTR Datasheet HTML 11Page - STMicroelectronics STTS22HTR Datasheet HTML 12Page - STMicroelectronics STTS22HTR Datasheet HTML 13Page - STMicroelectronics STTS22HTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
5.2
I²C interface
Following the correct protocols the device will behave as an I²C slave. The registers embedded inside the ASIC
device may be accessed through I²C serial interfaces.
The transaction on the bus is started through a START signal. A START condition is defined as a HIGH to LOW
transition on the data line while the SCL line is held HIGH (referred to as an ST condition in the following
paragraph). After this signal has been transmitted by the Master, the bus is considered busy. The next byte of
data transmitted after the start condition contains the address of the slave in the first 7 bits and the eighth bit tells
whether the Master is receiving data from the slave or transmitting data to the slave (SAD subsequences). When
an address is sent, each device in the system compares the first seven bits after a start condition with its address.
If they match, the device considers itself addressed by the Master. The address can be made up of a
programmable part and a fixed part, thus allowing more than one device of the same type to be connected to the
I²C bus (see Table 2. STTS22H address definition).
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line during the acknowledge
pulse. The receiver must then pull the data line LOW so that it remains stable low during the HIGH period of the
acknowledge clock pulse (SAK subsequence). A receiver which has been addressed is obliged to generate an
acknowledge after each byte of data has been received. The I²C embedded inside the ASIC behaves like a slave
device and the following protocol must be adhered to. After the start condition (ST) a slave address is sent, once
a slave acknowledge has been returned (SAK), an 8-bit sub-address will be transmitted (SUB): the 7 LSB
represent the actual register address while the MSB has no meaning. The IF_ADD_INC flag inside the CTRL
register (11h) enables address auto increment, this flag is set by default to ‘1’, so the auto increment is active.
If the IF_ADD_INC bit is ‘1’, the SUB (register address) will be automatically incremented to allow multiple data
read/write at increasing addresses. Otherwise if the IF_ADD_INC bit is ‘0’, the SUB will remain unchanged and
multiple read/write on the same address can be performed. If the LSB of the slave address was ‘1’ (read), a
repeated START (SR) condition will have to be issued after the sub-address byte; if the LSB is ‘0’ (write) the
Master will transmit to the slave with direction unchanged.
STTS22H
I²C interface
DS12606 - Rev 4
page 10/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com