Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22HTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STTS22HTR
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22HTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STTS22HTR Datasheet HTML 13Page - STMicroelectronics STTS22HTR Datasheet HTML 14Page - STMicroelectronics STTS22HTR Datasheet HTML 15Page - STMicroelectronics STTS22HTR Datasheet HTML 16Page - STMicroelectronics STTS22HTR Datasheet HTML 17Page - STMicroelectronics STTS22HTR Datasheet HTML 18Page - STMicroelectronics STTS22HTR Datasheet HTML 19Page - STMicroelectronics STTS22HTR Datasheet HTML 20Page - STMicroelectronics STTS22HTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
8
ALERT / INT output
The STTS22H ALERT / INT output is open drain and requires a pull-up resistor. The ALERT / INT pin is asserted
(low) whenever the temperature is equal to or exceeds the high limit or is below the low limit. Once asserted, the
output will remain asserted until the STTS22H receives an SMBus Alert Response Address (ARA) from the host
and acknowledges with its slave address. The output will be deasserted when the ARA is acknowledged, or the
STATUS register (05h) is read by the I²C interface. If the triggering condition is still true, the output will be
reasserted at the next temperature conversion. The following figure shows how the ALERT / INT output works.
Figure 5. ALERT / INT output
Temperature
Time
ALERT / INT
SMBus ARA acknowledged
Temperature high limit
Temperature low limit
STTS22H
ALERT / INT output
DS12606 - Rev 4
page 17/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com