Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22HTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STTS22HTR
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22HTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STTS22HTR Datasheet HTML 16Page - STMicroelectronics STTS22HTR Datasheet HTML 17Page - STMicroelectronics STTS22HTR Datasheet HTML 18Page - STMicroelectronics STTS22HTR Datasheet HTML 19Page - STMicroelectronics STTS22HTR Datasheet HTML 20Page - STMicroelectronics STTS22HTR Datasheet HTML 21Page - STMicroelectronics STTS22HTR Datasheet HTML 22Page - STMicroelectronics STTS22HTR Datasheet HTML 23Page - STMicroelectronics STTS22HTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
Soldering information
The UDFN package is compliant with the ECOPACK standard, and it is qualified for soldering heat resistance
according to JEDEC J-STD-020.
10.2
UDFN-6L package information
Figure 9. UDFN-6L (2.0 x 2.0 x 0.50 mm) package outline and mechanical data
0.25±0.05 (6x)
0÷0.05
A
B
0.05 C
0.05 C
C
0.07
C A B
0.05
C
(6x)
0.65
1.3
1.45±0.1
C0.20
L
H
Pin 1 Laser
Index Area
Dimensions are in millimeter unless otherwise specified
General Tolerance is +/-0.10mm unless otherwise specified
OUTER DIMENSIONS
ITEM
DIMENSION [mm]
TOLERANCE [mm]
5
0
.
0
±
2
]
L
[
h
t
g
n
e
L
5
0
.
0
±
2
]
W
[
h
t
d
i
W
/
X
A
M
5
5
.
0
]
H
[
t
h
g
i
e
H
DM00423052_1
Dimensions are in millimeters unless otherwise specified.
STTS22H
Package information
DS12606 - Rev 4
page 20/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com