Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22HTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STTS22HTR
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22HTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STTS22HTR Datasheet HTML 11Page - STMicroelectronics STTS22HTR Datasheet HTML 12Page - STMicroelectronics STTS22HTR Datasheet HTML 13Page - STMicroelectronics STTS22HTR Datasheet HTML 14Page - STMicroelectronics STTS22HTR Datasheet HTML 15Page - STMicroelectronics STTS22HTR Datasheet HTML 16Page - STMicroelectronics STTS22HTR Datasheet HTML 17Page - STMicroelectronics STTS22HTR Datasheet HTML 18Page - STMicroelectronics STTS22HTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
6.6
TEMP_L_OUT (06h) - RO
7
6
5
4
3
2
1
0
T7
T6
T5
T4
T3
T2
T1
T0
T[7:0]
Temperature data out
6.7
TEMP_H_OUT (07h) - RO
7
6
5
4
3
2
1
0
T15
T14
T13
T12
T11
T10
T9
T8
T[15:8]
Temperature data out
6.8
SOFTWARE_RESET (0Ch) - RW
7
6
5
4
3
2
1
0
-
LOW_ODR
_ENABLE
-
-
-
-
SW
_RESET
-
SW_RESET
0: Enables operating mode
1: Resets all digital blocks
LOW_ODR_ENABLE
0: LOW_ODR mode not enabled
1: LOW_ODR mode selectable through bit LOW_ODR_START in CTRL (04h) - RW
STTS22H
TEMP_L_OUT (06h) - RO
DS12606 - Rev 4
page 15/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com