Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22HTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STTS22HTR
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22HTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STTS22HTR Datasheet HTML 15Page - STMicroelectronics STTS22HTR Datasheet HTML 16Page - STMicroelectronics STTS22HTR Datasheet HTML 17Page - STMicroelectronics STTS22HTR Datasheet HTML 18Page - STMicroelectronics STTS22HTR Datasheet HTML 19Page - STMicroelectronics STTS22HTR Datasheet HTML 20Page - STMicroelectronics STTS22HTR Datasheet HTML 21Page - STMicroelectronics STTS22HTR Datasheet HTML 22Page - STMicroelectronics STTS22HTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
9.2
Enable sequence for freerun mode
The following sequence must be used to enable freerun mode:
1.
Write 02h to register 0Ch [software reset]
2.
Write 00h to register 0Ch [software reset]
3.
Set the FREERUN bit in CTRL (04h) register [send freerun command]
Note: After device power-on, wait at least 12 ms before accessing the register interface.
Figure 7. Freerun/Low-ODR modes enable sequence
Freerun
Conversion
Readout
Conversion
Readout
Soft
Reset
Reset procedure is required only when enabling FREERUN mode
Command
9.3
Enable sequence for low-ODR mode
The following sequence must be used to enable low-ODR mode:
1.
Write 42h to register 0Ch [software reset]
2.
Write 40h to register 0Ch [software reset]
3.
Set the LOW_ODR_START bit in the CTRL (04h) register [send low-ODR command]
Note: After device power-on, wait at least 12 ms before accessing the register interface.
Note: Accuracy is not guaranteed in this operating mode.
Figure 8. Low-ODR mode enable sequence
Command
Low-ODR
Conversion
Readout
Conversion
Readout
Device in
power-down
Soft
Reset
Reset procedure is required only when enabling LOW-ODR mode
STTS22H
Enable sequence for freerun mode
DS12606 - Rev 4
page 19/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com