Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22HTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STTS22HTR
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22HTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STTS22HTR Datasheet HTML 7Page - STMicroelectronics STTS22HTR Datasheet HTML 8Page - STMicroelectronics STTS22HTR Datasheet HTML 9Page - STMicroelectronics STTS22HTR Datasheet HTML 10Page - STMicroelectronics STTS22HTR Datasheet HTML 11Page - STMicroelectronics STTS22HTR Datasheet HTML 12Page - STMicroelectronics STTS22HTR Datasheet HTML 13Page - STMicroelectronics STTS22HTR Datasheet HTML 14Page - STMicroelectronics STTS22HTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
5.2.1
I²C protocol
Subject to general operating conditions for VDD and Top.
Table 11. I²C slave timing values
Symbol
Parameter
Values with VDD < 3.0 V(1)
Values with VDD ≥ 3.0 V(1)
Min
Max
Unit
Min
Max
Unit
f(SCL)
SCL clock frequency
10
400
kHz
0.01
1
MHz
tw(SCLL) SCL clock low time
1.3
-
µs
600
-
ns
tw(SCLH) SCL clock high time
0.6
-
160
-
tsu(SDA) SDA setup time
100
-
50
-
th(SDA)
SDA data hold time
0
-
0
-
th(ST)
START condition hold time
0.6
-
260
-
tsu(SR)
Repeated START condition setup time
0.6
-
260
-
tsu(SP)
STOP condition setup time
0.6
-
0.26
-
µs
tw(SP:SR) Bus free time between STOP and START condition
1.3
-
0.5
-
Cb
Capacitive load for each bus line
-
400
pF
-
400
pF
1. Data based on standard I²C protocol requirement, not tested in production. Values measured @ 25°C with VDD = VBUS (pull-
up connected to VDD).
Figure 4. I²C slave timing diagram
tsu(SP)
tw(SCLL)
tsu(SDA)
tsu(SR)
th(ST)
tw(SCLH)
th(SDA)
tw(SP:SR)
START
REPEATED
START
START
STOP
SDA
SCL
STTS22H
I²C interface
DS12606 - Rev 4
page 11/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com