Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22HTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTS22HTR
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22HTR Datasheet(HTML) 3 Page - STMicroelectronics

  STTS22HTR Datasheet HTML 1Page - STMicroelectronics STTS22HTR Datasheet HTML 2Page - STMicroelectronics STTS22HTR Datasheet HTML 3Page - STMicroelectronics STTS22HTR Datasheet HTML 4Page - STMicroelectronics STTS22HTR Datasheet HTML 5Page - STMicroelectronics STTS22HTR Datasheet HTML 6Page - STMicroelectronics STTS22HTR Datasheet HTML 7Page - STMicroelectronics STTS22HTR Datasheet HTML 8Page - STMicroelectronics STTS22HTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
Overview
The STTS22H is a digital temperature sensor which communicates over a 2-wire I²C/SMBus 3.0 serial interface.
Thanks to its factory calibration, the STTS22H offers high-end accuracy performance over the entire operating
temperature range reaching as low as ±0.5 °C without requiring any further calibration at the application level.
The sensor operating mode is user-configurable and allows selecting between different ODRs (down to 1 Hz) or
the one-shot mode for battery saving. In one-shot mode, the sensor current consumption falls to 1.75 µA.
The STTS22H comes in a 6-pin device that supports user-configurable slave addresses. By connecting the Addr
pin to either GND or VDD, two different addresses can be specified, thus allowing to have up to two STTS22H
sharing the same I²C/SMBus bus line. An interrupt pin is also available to signal the application whenever the
user-selectable high and low threshold have been exceeded.
STTS22H
Overview
DS12606 - Rev 4
page 3/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com