Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22HTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STTS22HTR
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22HTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STTS22HTR Datasheet HTML 21Page - STMicroelectronics STTS22HTR Datasheet HTML 22Page - STMicroelectronics STTS22HTR Datasheet HTML 23Page - STMicroelectronics STTS22HTR Datasheet HTML 24Page - STMicroelectronics STTS22HTR Datasheet HTML 25Page - STMicroelectronics STTS22HTR Datasheet HTML 26Page - STMicroelectronics STTS22HTR Datasheet HTML 27Page - STMicroelectronics STTS22HTR Datasheet HTML 28Page - STMicroelectronics STTS22HTR Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
List of figures
Figure 1.
Pin configuration................................................................... 4
Figure 2.
Min/max temperature accuracy specifications ............................................... 6
Figure 3.
SMBus timing diagram............................................................... 8
Figure 4.
I²C slave timing diagram ............................................................ 11
Figure 5.
ALERT / INT output................................................................ 17
Figure 6.
One-shot mode enable sequence ...................................................... 18
Figure 7.
Freerun/Low-ODR modes enable sequence ............................................... 19
Figure 8.
Low-ODR mode enable sequence...................................................... 19
Figure 9.
UDFN-6L (2.0 x 2.0 x 0.50 mm) package outline and mechanical data ............................. 20
Figure 10.
Landing pattern .................................................................. 21
Figure 11.
PCB solder mask openings .......................................................... 21
Figure 12.
Carrier tape information for UDFN-6L package ............................................. 22
Figure 13.
UDFN-6L package orientation in carrier tape .............................................. 22
Figure 14.
Reel information .................................................................. 22
STTS22H
List of figures
DS12606 - Rev 4
page 28/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com