Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8604 Datasheet(PDF) 4 Page - Analog Devices

Part # LT8604
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8604 Datasheet(HTML) 4 Page - Analog Devices

  LT8604 Datasheet HTML 1Page - Analog Devices LT8604 Datasheet HTML 2Page - Analog Devices LT8604 Datasheet HTML 3Page - Analog Devices LT8604 Datasheet HTML 4Page - Analog Devices LT8604 Datasheet HTML 5Page - Analog Devices LT8604 Datasheet HTML 6Page - Analog Devices LT8604 Datasheet HTML 7Page - Analog Devices LT8604 Datasheet HTML 8Page - Analog Devices LT8604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT8604
4
Rev. 0
For more information www.analog.com
VIN = 12V
VIN = 24V
VIN = 36V
L = 33µH
fSW = 2MHz
OUTPUT CURRENT (A)
1µ
10µ
100µ
1m
10m
100m
0
10
20
30
40
50
60
70
80
90
100
8604 G04
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
775
776
777
778
779
780
8604 G05
FRONT PAGE APPLICATION
OUTPUT CURRENT (mA)
0
20
40
60
80
100
120
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
8604 G06
TYPICAL PERFORMANCE CHARACTERISTICS
No-Load Supply Current
Efficiency (5V Output)
Efficiency (3.3V Output)
Efficiency (3.3V Output)
FB Voltage
Load Regulation
Line Regulation
Efficiency (5V Output)
VIN = 12V
VIN = 24V
VIN = 36V
L = 47µH
fSW = 2MHz
OUTPUT CURRENT (mA)
0
20
40
60
80
100
120
40
50
60
70
80
90
100
8604 G01
VIN = 12V
VIN = 24V
VIN = 36V
L = 47µH
fSW = 2MHz
OUTPUT CURRENT (A)
1µ
10µ
100µ
1m
10m
100m
0
10
20
30
40
50
60
70
80
90
100
8604 G02
VIN = 12V
VIN = 24V
VIN = 36V
L = 33µH
fSW = 2MHz
OUTPUT CURRENT (mA)
0
20
40
60
80
100
120
40
50
60
70
80
90
100
8604 G03
VOUT = 3.3V
IOUT = 40mA
INPUT VOLTAGE (V)
0
6
12
18
24
30
36
42
–0.20
–0.15
–0.01
–0.05
0
0.05
0.10
0.15
0.20
8604 G07
VOUT = 3.3V
R1 = 309kΩ
R2 = 1MΩ
INPUT VOLTAGE (V)
0
6
12
18
24
30
36
42
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
8604 G08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com