Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8604 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8604
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8604 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8604 Datasheet HTML 12Page - Analog Devices LT8604 Datasheet HTML 13Page - Analog Devices LT8604 Datasheet HTML 14Page - Analog Devices LT8604 Datasheet HTML 15Page - Analog Devices LT8604 Datasheet HTML 16Page - Analog Devices LT8604 Datasheet HTML 17Page - Analog Devices LT8604 Datasheet HTML 18Page - Analog Devices LT8604 Datasheet HTML 19Page - Analog Devices LT8604 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT8604
18
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
1.8V Step-Down Converter
12V Step-Down Converter
L
68µH
47µF
10V
1µF
110k
10nF
1µF
47nF
100k
1M
768k
L: LPS5030-683MR
VIN
EN/UV
FB
TR/SS
RT
INTVCC
SW
GND
VOUT
1.8V
120mA
PG
VIN
3.2V TO 42V
fSW = 400kHz
LT8604
BIAS
BST
POWER
GOOD
X7R
1210
8604 TA06
1µF
EXTERNAL SOURCE
>3.2V OR GND
L
220µH
2.2µF
50V
1µF
40.2k
10nF
1µF
47nF
100k
1M
69.8k
L: LPS5030-224MR
VIN
EN/UV
FB
TR/SS
RT
INTVCC
SW
GND
VOUT
12V
120mA
PG
VIN
12.9V TO 42V
fSW = 1MHz
LT8604
BIAS
BST
POWER
GOOD
X7R
1206
8604 TA07
LOAD CURRENT (mA)
0
20
40
60
80
100
120
0
6
12
18
24
30
36
42
8604 TA06b
FULL FREQUENCY
LOAD CURRENT (mA)
0
20
40
60
80
100
120
0
6
12
18
24
30
36
42
8604 TA07b
FULL FREQUENCY
Typical Performance Minimum
Load to Full Frequency
Typical Performance Minimum
Load to Full Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com