Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8604 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8604
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8604 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8604 Datasheet HTML 9Page - Analog Devices LT8604 Datasheet HTML 10Page - Analog Devices LT8604 Datasheet HTML 11Page - Analog Devices LT8604 Datasheet HTML 12Page - Analog Devices LT8604 Datasheet HTML 13Page - Analog Devices LT8604 Datasheet HTML 14Page - Analog Devices LT8604 Datasheet HTML 15Page - Analog Devices LT8604 Datasheet HTML 16Page - Analog Devices LT8604 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT8604
13
Rev. 0
For more information www.analog.com
ISAT) rating of the inductor must be higher than the load
current plus 1/2 of the inductor ripple current:
IL(PEAK) =ILOAD(MAX) +
1
2
ΔL
where ∆IL is the inductor ripple current as calculated sev-
eral paragraphs below and ILOAD(MAX) is the maximum
output load for a given application.
As a quick example, an application requiring 120mA out-
put should use an inductor with an RMS rating of greater
than 120mA and an ISAT of greater than 180mA. To keep
the efficiency high, the series resistance (DCR) should be
less than 1Ω, and the core material should be intended
for high frequency applications.
The LT8604 limits the peak switch current in order to
protect the switches and the system from overload faults.
The top switch current limit (ILIM) is at least 185mA at
low duty cycles and decreases linearly to 137mA at D =
0.8. The inductor value must then be sufficient to supply
the desired maximum output current (IOUT(MAX)), which
is a function of the switch current limit (ILIM) and the
ripple current:
IOUT(MAX) =ILIM –
ΔIL
2
The peak-to-peak ripple current in the inductor can be
calculated as follows:
ΔIL =
VOUT
L • fSW
1–
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟
where fSW is the switching frequency of the LT8604, and
L is the value of the inductor. Therefore, the maximum
output current that the LT8604 will deliver depends on
the switch current limit, the inductor value, and the input
and output voltages. The inductor value may have to be
increased if the inductor ripple current does not allow
sufficient maximum output current (IOUT(MAX)) given the
switching frequency, and maximum input voltage used in
the desired application.
For more information about maximum output current and
discontinuous operation, see Analog Devices Application
Note 44.
Finally, for duty cycles greater than 50%, a minimum
inductance is required to avoid sub-harmonic oscillation:
LMIN =
VOUT + VSW(BOT)
fSW
•12.5
where fSW is the switching frequency, VOUT is the output
voltage, VSW(BOT) is the bottom switch drop (~0.14V) and
LMIN is the inductor value.
Input Capacitor
Bypass the input of the LT8604 circuit with a ceramic
capacitor of X7R or X5R type. Y5V types have poor perfor-
mance over temperature and applied voltage, and should
not be used. A 1μF to 2.2μF ceramic capacitor is adequate
to bypass the LT8604 and will easily handle the ripple
current. If the input power source has high impedance, or
there is significant inductance due to long wires or cables,
additional bulk capacitance may be necessary. This can
be provided with a low performance electrolytic capacitor.
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage rip-
ple at the LT8604 and to force this very high frequency
switching current into a tight local loop, minimizing EMI.
A 1μF capacitor is capable of this task, but only if it is
placed close to the LT8604 (see the PCB Layout section).
A second precaution regarding the ceramic input capaci-
tor concerns the maximum input voltage rating of the
LT8604. A ceramic input capacitor combined with trace
or cable inductance forms a high quality (under damped)
tank circuit. If the LT8604 circuit is plugged into a live
supply, the input voltage can ring to twice its nominal
value, possibly exceeding the LT8604’s voltage rating.
This situation is easily avoided (see Analog Devices
Application Note 88).
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated
by the LT8604 to produce the DC output. In this role it
determines the output ripple, thus low impedance at the
switching frequency is important. The second function is
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com