Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8604 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8604
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8604 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8604 Datasheet HTML 6Page - Analog Devices LT8604 Datasheet HTML 7Page - Analog Devices LT8604 Datasheet HTML 8Page - Analog Devices LT8604 Datasheet HTML 9Page - Analog Devices LT8604 Datasheet HTML 10Page - Analog Devices LT8604 Datasheet HTML 11Page - Analog Devices LT8604 Datasheet HTML 12Page - Analog Devices LT8604 Datasheet HTML 13Page - Analog Devices LT8604 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT8604
10
Rev. 0
For more information www.analog.com
The LT8604 is a monolithic constant-frequency current
mode step-down DC/DC converter. Operation is best
understood by referring to the Block Diagram. An internal
oscillator turns on the integrated top power switch at the
beginning of each clock cycle. Current in the inductor then
increases until the top switch current comparator trips
and turns off the top power switch. The peak inductor cur-
rent at which the top switch turns off is controlled by the
voltage on the internal VC node. The error amplifier servos
the VC node by comparing the voltage on the FB pin with
an internal reference. When the load current increases, it
causes a reduction in the feedback voltage relative to the
reference leading the error amplifier to raise the VC volt-
age until the average inductor current matches the new
load current. When the top power switch turns off, the
synchronous power switch turns on until the next clock
cycle begins or inductor current falls to zero. If overload
conditions result in excess current flowing through the
bottom switch, the next clock cycle will be delayed until
switch current returns to a safe level.
To optimize efficiency, the LT8604 enters Burst Mode
operation at light loads. Between bursts, all circuitry
associated with controlling the output switch is shut down
reducing the input supply current to 1.7µA. In a typical
application with a 24V input, 2.5µA will be consumed from
the input supply when regulating with no load.
To improve efficiency across all loads, supply current to
internal circuitry can be sourced from the BIAS pin when
biased at 3.2V or above. Else, the internal circuitry will
draw current from VIN. The BIAS pin should be connected
to VOUT if the LT8604 output is programmed to a voltage
between 3.3V and 25V.
Comparators monitoring the FB pin voltage will pull the PG
pin low if the output voltage varies more than ±7.5% (typi-
cal) from the set point, or if a fault condition is present.
In the LT8604, the oscillator reduces its operating fre-
quency when the voltage at the FB pin is low. This fre-
quency foldback helps to control the inductor current
when the output voltage is lower than the programmed
value which occurs during start-up.
If the EN/UV pin is low, the LT8604 is shut down and
draws 1µA from the input. When the EN/UV pin is above
1.05V, the switching regulator becomes active.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com