Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8604 Datasheet(PDF) 8 Page - Analog Devices

Part # LT8604
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8604 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8604 Datasheet HTML 4Page - Analog Devices LT8604 Datasheet HTML 5Page - Analog Devices LT8604 Datasheet HTML 6Page - Analog Devices LT8604 Datasheet HTML 7Page - Analog Devices LT8604 Datasheet HTML 8Page - Analog Devices LT8604 Datasheet HTML 9Page - Analog Devices LT8604 Datasheet HTML 10Page - Analog Devices LT8604 Datasheet HTML 11Page - Analog Devices LT8604 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT8604
8
Rev. 0
For more information www.analog.com
BST (Pin 1): This pin is used to provide a drive volt-
age higher than the input voltage, to the topside power
switch. Place a 47nF boost capacitor as close as possible
to the IC. Do not put resistance in series with this pin.
SW (Pin 2): The SW pin is the output of the internal power
switches. Connect this pin to the inductor. This node
should be kept small on the PCB for good performance.
BIAS (Pin 3): The internal regulator will draw current from
BIAS instead of VIN when BIAS is tied to a voltage higher
than 3.2V. For output voltages of 3.3V to 25V this pin
should be tied to VOUT. If this pin is tied to a supply other
than VOUT, use a 1µF local bypass capacitor on this pin.
If no supply is available, tie this pin to GND.
INTVCC (Pin 4): Internal 3.4V Regulator Bypass Pin. The
internal power drivers and control circuits are powered
from this voltage. INTVCC maximum output current is
2mA. Do not load the INTVCC pin with external circuitry.
INTVCC current will be supplied from BIAS if BIAS >
3.2V, otherwise current will be drawn from VIN. Voltage
on INTVCC will vary between 2.8V and 3.4V when VBIAS
is between 3.0V and 3.6V. Decouple this pin to power
ground with a low ESR ceramic capacitor of at least 1μF
placed close to the IC.
RT (Pin 5): Tie a resistor between RT and ground to set
the switching frequency.
FB (Pin 6): The LT8604 regulates the FB pin to 0.778V.
Connect the feedback resistor divider tap to this pin.
TR/SS (Pin 7): Output Tracking and Soft-Start Pin. This
pin allows user control of output voltage ramp rate dur-
ing start-up. A TR/SS voltage below 0.778V forces the
LT8604 to regulate the FB pin to equal the TR/SS pin volt-
age. When TR/SS is above 0.778V, the tracking function is
disabled and the internal reference resumes control of the
error amplifier. An internal 2µA pull-up current on this pin
allows a capacitor to program output voltage slew rate.
This pin is pulled to ground with a 300Ω MOSFET during
shutdown and fault conditions; use a series resistor if
driving from a low impedance output.
PG (Pin 8): The PG pin is the open-drain output of an
internal comparator. PG remains low until the FB pin is
within ±7.5% of the final regulation voltage, and there are
no fault conditions. PG is valid when VIN is above 3.2V,
regardless of EN/UV pin state.
EN/UV (Pin 9): The LT8604 is shut down when this pin is
low and active when high. The hysteretic threshold volt-
age is 1.05V rising and 1.00V falling. Tie to VIN if the
shutdown feature is not used. An external resistor divider
from VIN can be used to program a VIN threshold below
which the LT8604 will shut down.
VIN (Pin 10): The VIN pin supplies current to the LT8604
internal circuitry and to the internal top side power switch.
This pin must be locally bypassed. Be sure to place the
positive terminal of the input capacitor as close as pos-
sible to the VIN pin, and the negative capacitor terminal
as close as possible to the GND pin.
GND (Exposed Pad Pin 11): Ground. The exposed pad
must be connected to the negative terminal of the input
capacitor and soldered to the PCB in order to lower the
thermal resistance.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com