Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8604 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8604
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8604 Datasheet(HTML) 5 Page - Analog Devices

  LT8604 Datasheet HTML 1Page - Analog Devices LT8604 Datasheet HTML 2Page - Analog Devices LT8604 Datasheet HTML 3Page - Analog Devices LT8604 Datasheet HTML 4Page - Analog Devices LT8604 Datasheet HTML 5Page - Analog Devices LT8604 Datasheet HTML 6Page - Analog Devices LT8604 Datasheet HTML 7Page - Analog Devices LT8604 Datasheet HTML 8Page - Analog Devices LT8604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT8604
5
Rev. 0
For more information www.analog.com
DUTY CYCLE (%)
0
20
40
60
80
100
170
180
190
200
210
220
230
8604 G09
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
200
205
210
215
220
225
230
235
240
8604 G10
TOP SW
BOT SW
SWITCH CURRENT = 120mA
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
100
200
300
400
500
600
700
800
8604 G11
TOP SW
BOT SW
SWITCH CURRENT (mA)
0
20
40
60
80
100
120
0
100
200
300
400
500
8604 G12
ILOAD = 100mA
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
18
20
22
24
26
28
30
32
34
36
38
8604 G13
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
70
75
80
85
90
95
100
8604 G14
L = LPS5030-333MR
VOUT = 3.3V
LOAD CURRENT (mA)
0
20
40
60
80
100
120
0
100
200
300
400
500
600
8604 G15
RT = 18.2kΩ
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1950
1960
1970
1980
1990
2000
2010
2020
2030
8604 G16
L = 33µH
VIN = 12V
VOUT = 3.3V
LOAD CURRENT (mA)
0
5
10
15
20
25
30
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
8604 G17
TYPICAL PERFORMANCE CHARACTERISTICS
Top FET Current Limit
vs Duty Cycle
Top FET Current Limit
vs Temperature
Switch Drop vs Temperature
Switch Drop vs Switch Current
Minimum On-Time
vs Temperature
Minimum Off-Time
vs Temperature
Dropout Voltage vs Load Current
Burst Frequency vs Load Current
Switching Frequency
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com