Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8604 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8604
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8604 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8604 Datasheet HTML 7Page - Analog Devices LT8604 Datasheet HTML 8Page - Analog Devices LT8604 Datasheet HTML 9Page - Analog Devices LT8604 Datasheet HTML 10Page - Analog Devices LT8604 Datasheet HTML 11Page - Analog Devices LT8604 Datasheet HTML 12Page - Analog Devices LT8604 Datasheet HTML 13Page - Analog Devices LT8604 Datasheet HTML 14Page - Analog Devices LT8604 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT8604
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 1. SW Burst Mode Frequency vs Load
to the switching frequency programmed by the resistor
at the RT pin as shown in Figure 1. The output load at
which the LT8604 reaches the programmed frequency
varies based on input voltage, output voltage, and induc-
tor choice.
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to:
R2
= R1
VOUT
0.778V
– 1
⎛
⎝⎜
⎞
⎠⎟
1% resistors are recommended to maintain output volt-
age accuracy.
The total resistance of the FB resistor divider should be
selected to be as large as possible when good low load
efficiency is desired: The resistor divider generates a
small load on the output, which should be minimized to
optimize the quiescent current at low loads.
Setting the Switching Frequency
The LT8604 uses a constant frequency PWM architec-
ture that can be programmed to switch from 200kHz to
2.2MHz by using a resistor tied from the RT pin to ground.
Table  1 shows the necessary RT value for a desired
switching frequency.
Achieving Ultralow Quiescent Current
To enhance efficiency at light loads, the LT8604 enters
into low ripple Burst Mode operation, which keeps the
output capacitor charged to the desired output voltage
while minimizing the input quiescent current and minimiz-
ing output voltage ripple. In Burst Mode operation, the
LT8604 delivers single small pulses of current to the out-
put capacitor followed by sleep periods where the output
power is supplied by the output capacitor. While in sleep
mode the LT8604 consumes 1.7μA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 1) and the percentage
of time the LT8604 is in sleep mode increases, result-
ing in much higher light load efficiency than for typical
converters. By maximizing the time between pulses, the
converter quiescent current approaches 2.5µA for a typi-
cal application when there is no output load. Therefore,
to optimize the quiescent current performance at light
loads, the current in the feedback resistor divider must
be minimized as it appears to the output as load current.
Figure 2. Burst Mode Operation
While in Burst Mode operation, the current limit of the top
switch is approximately 40mA resulting in output voltage
ripple shown in Figure 2. As the load ramps upward from
zero the switching frequency will increase but only up
L = 33µH
VIN = 12V
VOUT = 3.3V
LOAD CURRENT (mA)
0
5
10
15
20
25
30
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
8604 F01
5µs/DIV
VSW
5V/DIV
VOUT
5mV/DIV
IL
20mA/DIV
8604 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com