Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8604 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8604
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8604 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8604 Datasheet HTML 10Page - Analog Devices LT8604 Datasheet HTML 11Page - Analog Devices LT8604 Datasheet HTML 12Page - Analog Devices LT8604 Datasheet HTML 13Page - Analog Devices LT8604 Datasheet HTML 14Page - Analog Devices LT8604 Datasheet HTML 15Page - Analog Devices LT8604 Datasheet HTML 16Page - Analog Devices LT8604 Datasheet HTML 17Page - Analog Devices LT8604 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT8604
14
Rev. 0
For more information www.analog.com
to store energy in order to satisfy transient loads and sta-
bilize the LT8604’s control loop. Ceramic capacitors have
very low equivalent series resistance (ESR) and provide
the best ripple performance. A good starting value is:
COUT =
50
VOUTfSW
where fSW is the switching frequency in MHz, VOUT is
the output voltage, and COUT is the recommended output
capacitance in μF. Use X5R or X7R types. This choice will
provide low output ripple and good transient response.
Transient performance can be improved with a higher value
output capacitor and the addition of a feedforward capaci-
tor placed between VOUT and FB. Increasing the output
capacitance will also decrease the output voltage ripple. A
lower value of output capacitor can be used to save space
and cost but transient performance will suffer and may
cause loop instability. See the Typical Applications in this
data sheet for suggested capacitor values.
When choosing a capacitor, special attention should be
given to the data sheet to calculate the effective capaci-
tance under the relevant operating conditions of voltage
bias and temperature. A physically larger capacitor or one
with a higher voltage rating may be required.
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT8604 due to their piezoelectric
nature. When in Burst Mode operation, the LT8604’s
switching frequency depends on the load current, and at
very light loads the LT8604 can excite the ceramic capacitor
at audio frequencies, generating audible noise. Since the
LT8604 operates at a lower current limit during Burst Mode
operation, the noise is typically very quiet. If this is unac-
ceptable, use a high performance tantalum or electrolytic
capacitor at the output.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LT8604. As
previously mentioned, a ceramic input capacitor com-
bined with trace or cable inductance forms a high qual-
ity (under damped) tank circuit. If the LT8604 circuit is
plugged into a live supply, the input voltage can ring to
twice its nominal value, possibly exceeding the LT8604’s
rating. This situation is easily avoided (see Analog Devices
Application Note 88).
EN/UV Pin
The LT8604 is in shutdown when the EN/UV pin is low
and active when the pin is high. The rising threshold of
the EN/UV comparator is 1.05V, with 50mV of hysteresis.
The EN/UV pin can be tied to VIN if the shutdown feature
is not used, or tied to a logic level if shutdown control
is required.
Adding a resistor divider from VIN to EN/UV programs
the LT8604 to regulate the output only when VIN is above
a desired voltage (see Block Diagram). Typically, this
threshold, VIN(EN/UV), is used in situations where the input
supply is current limited, or has a relatively high source
resistance. A switching regulator draws constant power
from the source, so source current increases as source
voltage drops. This looks like a negative resistance load
to the source and can cause the source to current limit
or latch low under low source voltage conditions. The
VIN(EN/UV) threshold prevents the regulator from operating
at source voltages where the problems might occur. This
threshold can be adjusted by setting the values R3 and
R4 such that they satisfy the following equation:
R3
=
VIN(EN/UV)
1V
–1
⎛
⎝⎜
⎞
⎠⎟ •R4
where the LT8604 will remain off until VIN isaboveVIN(EN/UV).
Due to the comparator’s hysteresis, switching will not stop
until the input falls slightly below VIN(EN/UV).
For light-load currents, the current through the VIN(EN/UV)
resistor network can easily be greater than the supply current
consumed by the LT8604. Therefore, the VIN(EN/UV) resis-
tors should be large to minimize their effect on efficiency at
low loads.
INTVCC Regulator
An internal low dropout (LDO) regulator produces the
3.4V supply from VIN that powers the drivers and the
internal bias circuitry. The INTVCC can supply enough cur-
rent for the LT8604’s circuitry and must be bypassed to
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com