Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8604 Datasheet(PDF) 15 Page - Analog Devices

Part # LT8604
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8604 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8604 Datasheet HTML 11Page - Analog Devices LT8604 Datasheet HTML 12Page - Analog Devices LT8604 Datasheet HTML 13Page - Analog Devices LT8604 Datasheet HTML 14Page - Analog Devices LT8604 Datasheet HTML 15Page - Analog Devices LT8604 Datasheet HTML 16Page - Analog Devices LT8604 Datasheet HTML 17Page - Analog Devices LT8604 Datasheet HTML 18Page - Analog Devices LT8604 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT8604
15
Rev. 0
For more information www.analog.com
ground with a minimum of 1μF ceramic capacitor. Good
bypassing is necessary to supply the high transient cur-
rents required by the power MOSFET gate drivers. To
improve efficiency, the internal LDO can also draw cur-
rent from the BIAS pin when the BIAS pin is at 3.2V or
higher. Typically, the BIAS pin can be tied to the output of
the LT8604 or can be tied to an external supply of 3.3V or
above. If BIAS is connected to a supply other than VOUT,
be sure to bypass with a local ceramic capacitor. If the
BIAS pin is below 3.0V, the internal LDO will consume
current from VIN. Applications with high input voltage and
high switching frequency where the internal LDO pulls
current from VIN will increase die temperature because
of the higher power dissipation across the LDO. Do not
connect an external load to the INTVCC pin.
Output Voltage Tracking and Soft-Start
The LT8604 allows the user to program its output voltage
ramp rate by means of the TR/SS pin. An internal 2μA
pulls up the TR/SS pin to INTVCC. Putting an external
capacitor on TR/SS enables soft-starting the output to
prevent current surge on the input supply. During the
soft-start ramp the output voltage will proportionally track
the TR/SS pin voltage. For output tracking applications,
TR/SS can be externally driven by another voltage source.
From 0V to 0.778V, the TR/SS voltage will override the
internal 0.778V reference input to the error amplifier, thus
regulating the FB pin voltage to that of TR/SS pin. When
TR/SS is above 0.778V, tracking is disabled and the feed-
back voltage will regulate to the internal reference voltage.
An active pull-down circuit is connected to the TR/SS pin
which will discharge the external soft-start capacitor in
the case of fault conditions and restart the ramp when the
faults are cleared. Fault conditions that clear the soft-start
capacitor are the EN/UV pin transitioning low, VIN voltage
falling too low, or thermal shutdown.
Output Power Good
When the LT8604’s output voltage is within the ±7.5%
window of the regulation point, which is a VFB voltage in
the range of 0.720V to 0.836V (typical), the output voltage
is considered good and the open-drain PG pin goes high
impedance and is typically pulled high with an external
resistor. Otherwise, the internal drain pull-down device
will pull the PG pin low. To prevent glitching both the
upper and lower thresholds include 0.5% of hysteresis.
The PG pin is also actively pulled low during several fault
conditions: EN/UV pin is below 1V, INTVCC has fallen too
low, VIN is too low, or thermal shutdown.
Shorted and Reversed Input Protection
The LT8604 will tolerate a shorted output. Several features
are used for protection during output short-circuit and
brownout conditions. The first is the switching frequency
will be folded back while the output is lower than the set
point to maintain inductor current control. Second, the
bottom switch current is monitored such that if inductor
current is beyond safe levels switching of the top switch
will be delayed until such time as the inductor current
falls to safe levels. This allows for tailoring the LT8604
to individual applications and limiting thermal dissipation
during short circuit conditions.
There is another situation to consider in systems where
the output will be held high when the input to the LT8604
is absent. This may occur in battery charging applications
or in battery backup systems where a battery or some
other supply is diode ORed with the LT8604’s output. If
the VIN pin is allowed to float and the EN/UV pin is held
high (either by a logic signal or because it is tied to VIN),
then the LT8604’s internal circuitry will pull its quiescent
current through its SW pin. This is acceptable if the sys-
tem can tolerate several μA in this state. If the EN/UV pin
is grounded the SW pin current will drop to near 0.7µA.
However, if the VIN pin is grounded while the output is held
high, regardless of EN/UV, parasitic body diodes inside
the LT8604 can pull current from the output through the
SW pin and the VIN pin. Figure 3 shows a connection of
the VIN and EN/UV pins that will allow the LT8604 to run
only when the input voltage is present and that protects
against a shorted or reversed input.
APPLICATIONS INFORMATION
VIN
VIN
LT8604
GND
D1
8604 F03
EN/UV
Figure 3. Reverse VIN Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com