Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM4607
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 5 Page - Analog Devices

  LTM4607 Datasheet HTML 1Page - Analog Devices LTM4607 Datasheet HTML 2Page - Analog Devices LTM4607 Datasheet HTML 3Page - Analog Devices LTM4607 Datasheet HTML 4Page - Analog Devices LTM4607 Datasheet HTML 5Page - Analog Devices LTM4607 Datasheet HTML 6Page - Analog Devices LTM4607 Datasheet HTML 7Page - Analog Devices LTM4607 Datasheet HTML 8Page - Analog Devices LTM4607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM4656/LTM4656-1
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
5VIN Efficiency
12VIN Efficiency
24VIN Efficiency
12V to 24V at 4A Switch and Ripple
5V to 12V Boost Load Step
5V to 24V Boost Load Step
12V to 24V Boost Load Step
12V to 36V Boost Load Step
24V to 36V Boost Load Step
8VOUT EFF, 350kHz
12VOUT EFF, 400kHz
24VOUT EFF, 450kHz
36VOUT EFF, 500kHz
LOAD CURRENT (A)
0
1
2
3
4
5
80
82
84
86
88
90
92
94
96
98
100
4656 G01
20VOUT EFF 550kHz
24VOUT EFF 550kHz
36VOUT EFF 650kHz
LOAD CURRENT (A)
0
1
2
3
4
5
80
82
84
86
88
90
92
94
96
98
100
4656 G02
28VOUT EFF, 450kHz
36VOUT EFF, 650kHz
LOAD CURRENT (A)
0
1
2
3
4
5
80
82
84
86
88
90
92
94
96
98
100
4656 G03
2µs/DIV
10V/DIV
200mV/DIV
4656 G04
12V TO 24V AT 4A
COUT = 100µF ×2, 6.8µF ×2 CERAMIC
200µs/DIV
200mV/DIV
0.5A/DIV
4656 G05
COUT = 100µF ×2, 6.8µF ×2 CERAMIC,
28mΩ ESR
200µs/DIV
200mV/DIV
0.5A/DIV
4656 G06
COUT = 100µF ×2, 6.8µF ×2 CERAMIC
28mΩ ESR
500µs/DIV
200mV/DIV
0.5A/DIV
4656 G07
COUT = 100µF ×2, 6.8µF ×2 CERAMIC
28mΩ ESR
500µs/DIV
200mV/DIV
0.5A/DIV
4656 G08
COUT = 100µF ×2, 6.8µF ×2 CERAMIC
28mΩ ESR
500µs/DIV
200mV/DIV
0.5A/DIV
4656 G09
COUT = 100µF ×2, 6.8µF ×2 CERAMIC
28mΩ ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com