Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4607
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 19Page - Analog Devices LTM4607 Datasheet HTML 20Page - Analog Devices LTM4607 Datasheet HTML 21Page - Analog Devices LTM4607 Datasheet HTML 22Page - Analog Devices LTM4607 Datasheet HTML 23Page - Analog Devices LTM4607 Datasheet HTML 24Page - Analog Devices LTM4607 Datasheet HTML 25Page - Analog Devices LTM4607 Datasheet HTML 26Page - Analog Devices LTM4607 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTM4656/LTM4656-1
23
Rev. 0
For more information www.analog.com
Figure 21. 12V Input to 24VOUT at 4A Design
INTVCC
INTVCC
R4
11.5k
4.7µF
0.1µF
100pF
0.01µF
20k
60.4k
16k
5k
10µF
100µF
×2
22µF
VIN
INTVCC
PGOOD
VOUT
SS
UV
FREQ
COMP
MODE_PLLIN
PGND
VFB
SHDN
FLT
BVIN
VBIAS
TEMP+
TEMP–
LTM4656-1
24V AT 4A
TO TEMP MONITOR
10µF
12V PROTECTED
FAULT
12V
35V
35V
35V
16V
16V
12V PROTECTED
100µF
×2
5A
9V
TURN ON
4656 F21
PINS UNUSED IN THIS APPLICATION:
TMR, RUN, COMP, SENSE1, SW
TYPICAL APPLICATIONS
Figure 22. 2-Phase 12V Input to 24VOUT at 8A Design
INTVCC2
R4
11.5k
4.7µF
0.22µF
20k
64.9k
5k
10µF
22µF
100µF
VIN
INTVCC
PGOOD
VOUT
SS
UV
FREQ
MODE_PLLIN
PGND
VFB
SHDN
FLT
BVIN
VBIAS
TEMP+
TEMP–
LTM4656
TO TEMP MONITOR
24V AT 4A
10µF
12V PROTECTED_2
FAULT
12V
35V
35V
35V
16V
16V
INTVCC1
R3
11.5k
4.7µF
0.22µF
20k
64.9k
5k
10µF
22µF
100µF
VIN
INTVCC
PGOOD
VOUT
SS
SS
SS
UV
FREQ
COMP
COMP
COMP
COMP
MODE_PLLIN
PGND
VFB
VFB
VFB
SHDN
FLT
BVIN
VBIAS
TEMP+
TEMP–
LTM4656
TO TEMP MONITOR
24V AT 4A
10µF
12V PROTECTED_1
FAULT
12V
35V
35V
35V
16V
16V
24V AT 8A
INTVCC1
V+
GND
SET
MOD
OUT2
OUT1
U1
LTC6908-1
0.22µf
200k
CLOCK SYNC
0-PHASE
CLOCK SYNC
180-PHASE
500kHz
*NTSA545
12V PROTECTED_2
12V PROTECTED_1
100µF
×2
100µF
×2
5A*
4656 F22
PINS UNUSED IN THIS APPLICATION:
TMR, RUN, COMP, SENSE1, SW
5A*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com