Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4607
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 10Page - Analog Devices LTM4607 Datasheet HTML 11Page - Analog Devices LTM4607 Datasheet HTML 12Page - Analog Devices LTM4607 Datasheet HTML 13Page - Analog Devices LTM4607 Datasheet HTML 14Page - Analog Devices LTM4607 Datasheet HTML 15Page - Analog Devices LTM4607 Datasheet HTML 16Page - Analog Devices LTM4607 Datasheet HTML 17Page - Analog Devices LTM4607 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTM4656/LTM4656-1
14
Rev. 0
For more information www.analog.com
Theoutputcapacitorrecommendationsandinternalcontrol
loop compensation assure stability over the operating
ranges. The Analog Devices LTpowerCAD® design tool
is available to download online for RMS current, output
ripple, stability and transient response analysis.
LOW VOLTAGE OPERATION
The LTM4656 is designed to allow start-up from input
voltages as low as 4.5V. The limiting factors for the low
voltage applications become the availability of the power
source to supply sufficient power to the output at the
low input voltage, and the maximum duty cycle, which is
clamped at 96%. Note that at low input voltages, small
voltage drops due to series resistance become critical and
greatly limit the power delivery capability of the converter.
The input current can get large at high boost ratios. The
input is limited to a minimum of 9A. The below equation
can be used to calculate the input current need to support
a particular design.
IIN =
VOUT •IOUT
VIN
For example, 5V to 12V at 3.5A output current would
equate to an input current of ~8.5A.
SHDN AND RUN PINS
The SHDN pin controls the complete shutdown of the
LTM4656. When this pin is below 0.4V, the LTM4656
will be in complete shutdown drawing only 40µA. When
SHDN goes above 2.1V then the LTM4656 will enable.
The LTM4656 boost converter can be shut down using
the RUN pin while the inline overcurrent protection is
still powered. Pulling this pin below 1.28V shuts down
the main boost control loop. Pulling this pin below 0.7V
disables the boost controller and most internal circuits,
including the INTVCC LDOs. In this state, total current
draw is about 50µA.
SOFT-START (SS PIN)
The start-up of the VOUT is controlled by the voltage on the
SS pin. When the voltage on the SS pin is less than the
APPLICATIONS INFORMATION
internal1.2Vreference,theLTM4656regulatestheVFBpin
voltage to the voltage on the SS pin instead of 1.2V. Soft-
start is enabled by simply connecting a capacitor from the
SS pin to ground. An internal 10µA current source charges
the capacitor, providing a linear ramping voltage at the SS
pin. The LTM4656 will regulate the VFB pin (and hence,
VOUT) according to the voltage on the SS pin, allowing
VOUT to rise smoothly from VIN to its final regulated value.
The total soft-start time will be approximately:
TSS = CSS •
1.2V
10µA
A 0.1µF is a good value to use for CSS.Thisprovidesaslow
12ms ramp that will slowly turn on the boost regulator into
load, and eliminate false overcurrent tripping at start-up.
INTVCC Power
The LTM4656 boost control section features an internal
P-channellowdropoutlinearregulator(LDO)thatsupplies
power at the INTVCC pin from the VBIAS supply pin. INTVCC
powers the gate drivers and much of the boost control’s
internal circuitry. The VBIAS LDO regulates INTVCC to 5.4V.
It can supply at least 50mA and is bypassed to ground
with an internal 4.7µF ceramic capacitor.
Power Good
The PGOOD pin is connected to an open-drain of an
N-channel MOSFET. The MOSFET turns on and pulls the
PGOODpinlowwhentheVFBpinvoltageisnotwithin ±10%
ofthe1.2Vreferencevoltage.ThePGOODpinisalsopulled
low when the corresponding RUN pin is low (shutdown).
When the VFB pin voltage is within the ±10% require-
ment, the MOSFET is turned off and the pin is allowed to
be pulled up by an external resistor to a source of up to
6V (ABS max).
Loop Compensation
The LTM4656 has internal compensation while the
LTM4656-1 provides for optimized external compen-
sation. LTpowerCAD can be used to optimize External
Compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com