Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4607
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 2Page - Analog Devices LTM4607 Datasheet HTML 3Page - Analog Devices LTM4607 Datasheet HTML 4Page - Analog Devices LTM4607 Datasheet HTML 5Page - Analog Devices LTM4607 Datasheet HTML 6Page - Analog Devices LTM4607 Datasheet HTML 7Page - Analog Devices LTM4607 Datasheet HTML 8Page - Analog Devices LTM4607 Datasheet HTML 9Page - Analog Devices LTM4607 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM4656/LTM4656-1
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
5V to 12V Boost HOT Plugged
Start-Up Into 3.5A Load,
12V to 24V Boost HOT Plugged
Start-Up Into 4A Load
24V to 36V Boost HOT Plugged
Start-Up Into 5A Load
PIN FUNCTIONS
VIN (A9–A12, B9–B12, C9–C12, D10–D12): Power Input
Pins to Protection Path. Apply main input voltage between
these pins and GND pins. Recommend placing minimum
1µF input decoupling capacitance directly between VIN
pins and GND pins.
BVIN(A1–A4,B1–B4,C1–C4,D1–D3):BoostPowerInput
Pins. Recommend placing input decoupling capacitance
directly between BVIN pins and GND pins.
VOUT (J1–J6, K1–K6, L1–L6, M1–M6): Power Output
Pins. Apply output load between these pins and GND
pins. Recommend placing output decoupling capacitance
directly between these pins and GND pins.
GND (A5–A6, B5–B6, C5–C6, D4–D9, E1–E7, E9–E12,
F2–F5, F10–F12, G1–G3, G5, G7–G8, G10–G12, H1,
H8–H12, J7–J11, K7–K11, L7–L12, M7–M12): Ground
Pins for the Input and Output Capacitors and Small Signal
Component Connection.
SW (J12, K12): Switching node that is used for testing
purposes.
MODE_PLLIN (G6): External Synchronization Input to
Phase Detector and Mode Operation Input. When an ex-
ternal clock is applied to this pin, it will force the converter
into forced continuous mode of operation and the phase-
locked loop will force the rising boost switch signal to be
synchronized with the rising edge of the external clock.
When not synchronizing to an external clock, this input
determineshowtheLTM4656operatesatlightloads.Pull-
ing this pin to ground selects Burst Mode operation. An
internal 100k resistor to ground also invokes Burst Mode
operation when the pin is floated. Tying this pin to less
than INTVCC–1.3V selects pulse-skipping operation.
This can be done by adding a 100k resistor between the
MODE_PLLIN pin and INTVCC. Forced continuous opera-
tion can be selected by tying this pin to INTVCC.
FREQ (H6): The Frequency Control Pin for the Internal
VCO. Connecting the pin to GND forces the VCO to a fixed
low frequency of 350kHz. Connecting the pin to INTVCC
forces the VCO to a fixed high frequency of 535kHz. The
frequency can be programmed from 300kHz to 780kHz
by connecting a resistor from the FREQ pin to GND. The
resistor and an internal 20µA source current create a volt-
age used by the internal oscillator to set the frequency.
Alternatively, this pin can be driven with a DC voltage to
vary the frequency of the internal oscillator. See Typical
Applications section.
SS (F7): Output Soft-Start Input. A capacitor to ground
at this pin sets the ramp rate of the output voltage during
start-up.
VFB (E8): The Negative Input of the Error Amplifier for
Each Channel. Internally, this pin is connected to VOUT
with a 221k precision resistor. Different output voltages
can be programmed with an additional resistor between
VFB and GND pins. In PolyPhase® operation, tying the VFB
pins together allows for parallel operation. See Typical
Applications section for details.
COMP(F6):CurrentControlThresholdandErrorAmplifier
Compensation Point for the Regulator. The current com-
parator threshold increases with this control voltage. Tie
5ms/DIV
VIN
5V/DIV
VOUT
10V/DIV
IIN
5A/DIV
TIMER PIN
0.5V/DIV
4656 G10
5ms/DIV
VIN
5V/DIV
VOUT
10V/DIV
IIN
5A/DIV
TIMER PIN
0.5V/DIV
4656 G11
5ms/DIV
4656 G12
VIN
5V/DIV
VOUT
10V/DIV
IIN
5A/DIV
TIMER PIN
0.5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com