Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4607
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 12Page - Analog Devices LTM4607 Datasheet HTML 13Page - Analog Devices LTM4607 Datasheet HTML 14Page - Analog Devices LTM4607 Datasheet HTML 15Page - Analog Devices LTM4607 Datasheet HTML 16Page - Analog Devices LTM4607 Datasheet HTML 17Page - Analog Devices LTM4607 Datasheet HTML 18Page - Analog Devices LTM4607 Datasheet HTML 19Page - Analog Devices LTM4607 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTM4656/LTM4656-1
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The typical input clock thresholds on the MODE_PLLIN
pin are 1.6V (rising) and 1.2V (falling).
Overtemperature Protection
At higher temperatures, or in cases where the internal
power dissipation causes excessive self-heating of the
boost controller (such as an INTVCC short to ground),
the overtemperature shutdown circuitry will shut down
the boost converter. When the junction temperature ex-
ceedsapproximately170°C,theovertemperaturecircuitry
disables the INTVCC LDO, causing the INTVCC supply to
collapse and effectively shut down the entire boost con-
troller chip. Once the junction temperature drops back
to approximately 155°C, the INTVCC LDO turns back on.
Long-term overstress (TJ > 125°C) should be avoided as
it can degrade the performance or shorten life. As explain
aboveintheinlineprotection,ifanovercurrentshortoccurs
in the boost converter section, then the inline protection
will operate in a low duty cycle retry mode.
Thermal Performance
The LTM4656 provides adequate heat sinking utilizing the
inductor on top of package, and can either be cooled with
airflow or other heat sinking methods. Figure 7 shows a
12V to 24V boost at 96W conversion with only ~ 36°C
rise with 200LFM.
GND, tied to INTVCC, or programmed through an external
resistor. Tying FREQ to GND selects 350kHz while tying
FREQtoINTVCCselects535kHz.Placingaresistorbetween
FREQ and GND allows the frequency to be programmed
between 50kHz and 900kHz, as shown in Figure 6. The
recommendedoperatingrangefortheLTM4656is300kHz
to 780kHz based on the internal 4.7µH inductor.
A phase-locked loop (PLL) is available on the LTM4656’s
boost converter to synchronize the internal oscillator to an
externalclocksourcethatisconnectedtotheMODE_PLLIN
pin.TheLTM4656’sboostconverterphasedetectoradjusts
the voltage (through an internal low pass filter) of the VCO
input to align the turn-on of the external bottom MOSFET
to the rising edge of the synchronizing signal.
The VCO input voltage is pre-biased to the operating fre-
quency set by the FREQ pin before the external clock is
applied. If pre-biased near the external clock frequency,
the PLL loop only needs to make slight changes to the
VCO input in order to synchronize the rising edge of the
external clock’s to the rising edge of BG. The ability to
pre-bias the loop filter allows the PLL to lock-in rapidly
without deviating far from the desired frequency.
TheMODE_PLLINisguaranteedtolocktoanexternalclock
source whose frequency is between 75kHz and 850kHz.
Figure 6. Relationship Between Oscillator
Frequencies and Resistor Value at the FREQ Pin
FREQ PIN RESISTOR (k)
15
600
800
1000
35 45 55
25
4656 F06
400
200
500
700
900
300
100
0
65 75 85 95 105 115 125
Figure 7. 12VIN to 24VOUT at 4A (96W),
200LFM Air Flow Thermal Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com