Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4607
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 5Page - Analog Devices LTM4607 Datasheet HTML 6Page - Analog Devices LTM4607 Datasheet HTML 7Page - Analog Devices LTM4607 Datasheet HTML 8Page - Analog Devices LTM4607 Datasheet HTML 9Page - Analog Devices LTM4607 Datasheet HTML 10Page - Analog Devices LTM4607 Datasheet HTML 11Page - Analog Devices LTM4607 Datasheet HTML 12Page - Analog Devices LTM4607 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM4656/LTM4656-1
9
Rev. 0
For more information www.analog.com
OPERATION
The LTM4656 is a single output standalone non-isolated
step-up switching mode DC/DC power supply with input
currentlimitprotectionduringanoutputshort.Thismodule
provides a precisely regulated output voltage program-
mable via one external resistor from 6V to 36V and deliv-
ers up to 5A output current with few external input and
output capacitors. During normal operation the LTM4656
senses input current through an input protected front end.
The LTM4656 softly turns on with a controlled inrush and
will perform a low duty cycle auto-retry during an output
short circuit. The output short trip time is controlled by
how much short-circuit current is applied and the amount
of voltage across the in-line protection switch. The typical
application schematic is shown in Figure 17. See Typical
Applications section for explanation and curves.
The LTM4656 contains an integrated fixed frequency,
current mode boost controller, power MOSFETs, induc-
tor, in-line protect circuitry and other supporting discrete
components. The default switching frequency is 500kHz.
For noise-sensitive applications, the switching frequency
can be adjusted by an external resistor and the µModule
regulator can be externally synchronized to a clock.
With current mode control and internal feedback loop
compensation, the LTM4656 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control allows the LTM4656 to parallel for
increase power delivery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com