Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4607
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 3Page - Analog Devices LTM4607 Datasheet HTML 4Page - Analog Devices LTM4607 Datasheet HTML 5Page - Analog Devices LTM4607 Datasheet HTML 6Page - Analog Devices LTM4607 Datasheet HTML 7Page - Analog Devices LTM4607 Datasheet HTML 8Page - Analog Devices LTM4607 Datasheet HTML 9Page - Analog Devices LTM4607 Datasheet HTML 10Page - Analog Devices LTM4607 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTM4656/LTM4656-1
7
Rev. 0
For more information www.analog.com
all COMP pins together for parallel operation. The device is
internal compensated. The LTM4656-1 offers an External
Compensation option.
SENSE1 (A7–A8, B7–B8, C7–C8): These pins are the
output side of the input protection power MOSFET, and
the input to the onboard 4mΩ current sense resistor that
sets maximum input current limit to trip off and retry
in a output short. Measuring the voltage drop between
SENSE1 and BVIN, and dividing by the 4mΩ resistance
gives the input current for a given operating condition in
the boost converter.
RUN (H7): RUN Pin Monitor. The threshold level of 1.28V
will turn on the boost converter. An internal 75k resistor is
connected from this pin to BVIN, and a 5.1V Zener diode to
GNDisinternaltothemoduleforlimitingthevoltageonthe
RUN pin to 5V. The RUN pin is allowed to turn on from an
open-collector control coming from the in-line protection
control when the voltage at the BVIN pin is within 0.5V of
VIN and 3V above GND, indicating the protection MOSFET
is fully on. The state of the pin stays on until the BVIN pin
voltage drops below 2V. See Block Diagram.
INTVCC (G9): Output of Internal 5.4V LDO. Power supply
for internal control circuits and gate drivers. There is an
internal 4.7µF low ESR ceramic capacitor from this pin to
ground for decoupling.
VBIAS (F9): Main Control Supply Pin. It is normally tied
to the input supply BVIN or to the output of the boost
converter. A bypass capacitor should be tied between this
pin and the GND pin. The operating voltage range on this
pin is 4.5V to 36V.
PGOOD (F8): Power Good Indicator. Open-drain logic
output that is pulled to ground when the output voltage is
more than ±10% away from the regulated output voltage.
To avoid false trips, the output voltage must be outside of
the range for 25µs before this output is activated.
TMR (G4): Fault Timer Input. An internal 0.01µF capacitor
to ground sets the times for early fault warning, fault turn-
off, and cooldown periods. The current charging up this
pin during fault conditions depends on the voltage differ-
ence between the VIN and BVIN pins. When TMR reaches
1.275V, the FLT pin pulls low to indicate the detection of a
faultcondition.Iftheconditionpersists,thepasstransistor
turnsoffwhenTMRreachesthethresholdof1.375V.A2µA
current source then continues to pull the TMR up. When
TMR reaches 4.3V, the 2µA current reverses direction and
starts to pull the TMR pin low. When TMR reaches the retry
threshold of 0.5V, the GATE pin pulls high turning back
on the pass transistor. See Typical Applications section.
NC (E3): Float Pin.
SHDN(F1):TheLTM4656canbeshutdowntoalowcurrent
mode when the voltage at the SHDN pin is pulled below the
shutdown threshold of 0.4V. The quiescent current drops
downto40µAwithinternalcircuitryturnedoff.Thispinwill
shut down the in-line protection and the boost converter.
The SHDN pin can be pulled up to VIN MAX or below GND
by up to VIN MAX without damage. The SHDN pin is pulled
up to VIN with an internal 100k resistor for active on. An
VIN rated open collector can be used to controlled this pin
for enabling the in-line protection and the boost converter,
or a Zener diode can be placed from this pin to ground to
interface to lower voltage rated pull downs.
UV (H2): Undervoltage Comparator Input. When UV falls
below its threshold of 1.275V, the GATE pin is pulled down
with a 1mA current. When UV rises above 1.275V plus
the hysteresis, the pull-down current disappears and the
GATE pin is pulled up by the internal charge pump. This is
used to set up an undervoltage lockout to limit the input
current during startup. There is an internal 100k resistor
from this pin to VIN to set up with an external resistor an
under voltage trip point. If unused, connect to VCC. See
Typical Applications section.
FLT (H3): Open Collector Fault Output. This pin pulls low
after the voltage at the TMR pin has reached the fault
threshold of 1.275V. It indicates the pass transistor is
about to turn off because the device is in an overcurrent
condition (current fault). The internal NPN is capable of
sinking up to 100µA of current while maintaining a low
level of 0.8V max.
TEMP+ (H4): Onboard temperature diode for monitoring
each channel with differential connections for noise im-
munity. See Block Diagram.
TEMP– (H5): Onboard temperature diode for monitoring
each channel with differential connections for noise im-
munity. See Block Diagram.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com