Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4607
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 20Page - Analog Devices LTM4607 Datasheet HTML 21Page - Analog Devices LTM4607 Datasheet HTML 22Page - Analog Devices LTM4607 Datasheet HTML 23Page - Analog Devices LTM4607 Datasheet HTML 24Page - Analog Devices LTM4607 Datasheet HTML 25Page - Analog Devices LTM4607 Datasheet HTML 26Page - Analog Devices LTM4607 Datasheet HTML 27Page - Analog Devices LTM4607 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM4656/LTM4656-1
28
Rev. 0
For more information www.analog.com
09/20
© ANALOG DEVICES, INC. 2020
www.analog.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTM4661
5.5VIN, 15VOUT, 4A Boost µModule
Regulator.
1.8V ≤ VIN ≤ 5.5V, 2.5V ≤ VOUT ≤ 15V. 6.25mm × 6.25mm × 2.42mm BGA.
LTM4605
20VIN, 20VOUT, 12A Buck-Boost
µModule Regulator. External Inductor.
4.5V ≤ VIN ≤ 20V, 0.8V ≤ VOUT ≤ 16V. 15mm × 15mm × 2.82mm LGA.
LTM4607
36VIN, 24VOUT, 10A Buck-Boost
µModule Regulator. External Inductor.
4.5V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 24V. 15mm × 15mm × 2.82mm LGA.
LTM4609
36VIN, 34VOUT, 10A Buck-Boost
µModule Regulator. External Inductor.
4.5V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 34V. 15mm × 15mm × 2.82mm LGA.
15mm × 15mm × 3.42mm BGA.
LTM8054
36VIN, 36VOUT, 5.4A Buck-Boost
uModule Regulator. Integrated Inductor.
5V ≤ Vin ≤ 36V, 1.2V ≤ VOUT ≤ 36V. 11.25mm × 15mm × 3.42mm BGA.
LTM8055
36VIN, 36VOUT, 8.5A Buck-Boost
uModule Regulator. Integrated Inductor.
5V ≤ VIN ≤ 36V, 1.2V ≤ VOUT ≤ 36V. 15mm × 15mm × 4.92mm BGA.
LTM8056
58VIN, 48VOUT, 5.4A Buck-Boost
uModule Regulator. Integrated Inductor.
5V ≤ VIN ≤ 58V, 1.2V ≤ VOUT ≤ 48V. 15mm × 15mm × 4.92mm BGA.
DESIGN RESOURCES
PACKAGE PHOTO
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com