Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4607
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 20Page - Analog Devices LTM4607 Datasheet HTML 21Page - Analog Devices LTM4607 Datasheet HTML 22Page - Analog Devices LTM4607 Datasheet HTML 23Page - Analog Devices LTM4607 Datasheet HTML 24Page - Analog Devices LTM4607 Datasheet HTML 25Page - Analog Devices LTM4607 Datasheet HTML 26Page - Analog Devices LTM4607 Datasheet HTML 27Page - Analog Devices LTM4607 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTM4656/LTM4656-1
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 23. 5V Input to 36VOUT at 0.8A Design
Figure 24. 12V Input to 36VOUT at 2.5A Design
INTVCC
INTVCC
R4
7.5k
4.7µF
0.1µF
41.2k
69.4k
5k
10µF
100µF
VIN
INTVCC
PGOOD
VOUT
SS
UV
FREQ
MODE_PLLIN
PGND
VFB
SHDN
FLT
BVIN
VBIAS
TEMP+
TEMP–
LTM4656
TO TEMP MONITOR
36V AT 0.8A
10µF
5V PROTECTED
FAULT
5V
50V
50V
50V
16V
16V
22µF
5V PROTECTED
100µF
×2
4656 F23
PINS UNUSED IN THIS APPLICATION:
TMR, RUN, COMP, SENSE1, SW
5A*
*NTSA545
4.75V
TURN ON
INTVCC
INTVCC
R4
24.3k
4.7µF
0.1µF
16.2k
82.5k
5k
10µF
22µF
100µF
VIN
INTVCC
PGOOD
VOUT
SS
UV
FREQ
MODE_PLLIN
PGND
VFB
SHDN
FLT
BVIN
VBIAS
TEMP+
TEMP–
LTM4656
TO TEMP MONITOR
36V AT 2.5A
10µF
12V PROTECTED
FAULT
12V
50V
50V
50V
16V
16V
12V PROTECTED
100µF
×2
4656 F24
PINS UNUSED IN THIS APPLICATION:
TMR, RUN, COMP, SENSE1, SW
*NTSA545
5A*
9V
TURN ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com