Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 19Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 20Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 21Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 22Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 23Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 24Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 25Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 26Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 23
MCP47FXBX4/8
Timing Table Notes:
1.
Within 1/2 LSb of final value when code changes from 1/4 to 3/4 of FSR. (Example: 400h to C00h in 12- bit device).
2.
Not Tested. This parameter is ensured by characterization.
3.
The transition of the LAT signal between 10 ns before the rising edge (Spec 94) and 250 ns after the rising edge
(Spec 95) of the SCL signal is indeterminate whether the change in VOUT is delayed or not.
4.
Use Cb in pF for the calculations.
5.
A master transmitter must provide a delay to ensure that the difference between SDA and SCL fall times does
not unintentionally create a Start or Stop condition.
6.
A Fast mode (400 kHz) I2C bus device can be used in a standard mode (100 kHz) I2C bus system, but the
requirement tSU;DAT  250 ns must then be met. This will automatically be the case if the device does not stretch
the Low period of the SCL signal. If such a device does stretch the Low period of the SCL signal, it must output
the next data bit to the SDA line, TR max. + tSU;DAT = 1000 + 250 = 1250 ns (according to the standard mode I2C
bus specification) before the SCL line is released.
7.
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region (mini-
mum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
8.
Ensured by the TAA 3.4 MHz specification test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com