Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 93 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 93 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 89Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 90Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 91Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 92Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 93Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 94Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 95Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 96Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 93
MCP47FXBX4/8
8.0
APPLICATIONS INFORMATION
The MCP47FXBX4/8 devices are general purpose,
quad/octal-channel voltage output DACs for various
applications where a precision operation with low-power
and nonvolatile EEPROM memory is needed.
Since the devices include a nonvolatile EEPROM
memory, the user can utilize these devices for
applications that require the output to return to the
previous set-up value on subsequent power-ups.
8.1
I2C Bus Connection
Considerations
8.1.1
CONNECTING TO THE I2C BUS
USING PULL-UP RESISTORS
The SCL and SDA pins of the MCP47FXBX4/8 devices
are open-drain configurations. These pins require a
pull-up resistor, as shown in Figure 8-3.
The pull-up resistor values (R1 and R2) for SCL and
SDA pins depend on the operating speed (standard,
fast and high speed) and loading capacitance of the I2C
bus line. A higher value of the pull-up resistor consumes
less power, but increases the signal transition time
(higher RC time constant) on the bus line. Therefore, it
can limit the bus operating speed. The lower resistor
value, on the other hand, consumes higher power, but
allows higher operating speed. If the bus line has higher
capacitance due to long metal traces or multiple device
connections to the bus line, a smaller pull-up resistor is
needed to compensate the long RC time constant. The
pull-up resistor is typically chosen between 1 k
 and
10 k
ranges for Standard and Fast modes, and less
than 1 k
for High-Speed mode.
8.1.2
DEVICE CONNECTION TEST
The user can test the presence of the device on the I2C
bus line by using a simple I2C command. This test can
be achieved by checking an acknowledge response
from the device after sending a READ or WRITE
command. Figure 8-1 shows an example with a READ
command. The steps are:
1.
Set the R/W bit “High” in the device’s address byte.
2.
Check the ACK bit of the address byte.
If the device acknowledges (ACK = 0) the
command, then the device is connected.
Otherwise, it is not connected.
3.
Send Stop bit.
FIGURE 8-1:
I2C Bus Connection Test.
8.1.3
SOFTWARE I2C INTERFACE RESET
SEQUENCE
At times, it may become necessary to perform a
Software
Reset
Sequence
to
ensure
the
MCP47FXBX4/8 devices are in a correct and known I2C
interface state. This technique only resets the I2C state
machine.
This is useful if the MCP47FXBX4/8 devices power-up
in an incorrect state (due to excessive bus noise, etc),
or if the master device is reset during communication.
Figure 8-2 shows the communication sequence to
software reset the device.
FIGURE 8-2:
Software Reset Sequence
Format.
The 1st Start bit will cause the device to reset from a
state in which expects to receive data from the master
device. In this mode, the device monitors the data bus
in Receive mode and can detect if the Start bit forces
an internal reset.
The nine bits of ‘1’ are used to force a reset of those
devices that could not be reset by the previous Start bit.
This occurs only if the MCP47FXBX4/8 devices drive
an A bit on the I2C bus, or are in Output mode (from a
READ command) and are driving a data bit of ‘0’ onto
the I2C bus. In both of these cases, the previous Start
bit could not be generated due to the MCP47FXBX4/8
holding the bus low. By sending out nine ‘1’ bits, it is
ensured that the device will see an A bit (the master
device does not drive the I2C bus low to acknowledge
the data sent by the MCP47FXBX4/8), which also
forces the MCP47FXBX4/8 to reset.
Note:
This technique is documented in AN1028.
12 3 4 5 6 7 8 9
SCL
SDA
A2 A1 A0 1
Start
Bit
Address byte
Address bits
R/W
Stop
Bit
Device
Response
A3
A4
A5
A6
S‘1’‘1’‘1’‘1’‘1’‘1’‘1’‘1’ S
P
Start bit
Nine bits of ‘1’
Start bit
Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com