Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 46Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 47Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 48Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 49Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 50Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 51Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 52Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 53Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 50
 2020 Microchip Technology Inc.
TABLE 3-2:
MCP47FXBX8 (OCTAL-DAC) PIN FUNCTION TABLE
Pin
Description
TSSOP
20L
VQFN
20L
Symbol
I/O
Buffer
Type
119
LAT1
I
ST
DAC Register Latch Pin.
The Latch 1 pin allows the value in the volatile
DAC1/DAC3/DAC5/DAC7 registers (Wiper and Configuration bits)
to be transferred to the DAC1/DAC3/DAC5/DAC7 outputs
(VOUT1, VOUT3, VOUT5, VOUT7).
220
VDD
—
P
Supply Voltage Pin
31
A0
I
ST
I2C Slave Address Bit 0 Pin
42
VREF0
A
Analog
Voltage Reference Input 0 Pin
53
VOUT0
A
Analog
Buffered Analog Voltage Output – Channel 0 Pin
64
VOUT2
A
Analog
Buffered Analog Voltage Output – Channel 2 Pin
75
VOUT4
A
Analog
Buffered Analog Voltage Output – Channel 4 Pin
86
VOUT6
A
Analog
Buffered Analog Voltage Output – Channel 6 Pin
97
VSS
—
P
Ground Reference Pin for all circuitries on the device
10, 11
8, 9
NC
—
—
Not Internally Connected
12
10
VOUT7
A
Analog
Buffered Analog Voltage Output – Channel 7 Pin
13
11
VOUT5
A
Analog
Buffered Analog Voltage Output – Channel 5 Pin
14
12
VOUT3
A
Analog
Buffered Analog Voltage Output – Channel 3 Pin
15
13
VOUT1
A
Analog
Buffered Analog Voltage Output – Channel 1 Pin
16
14
VREF1
A
Analog
Voltage Reference Input 1 Pin
17
15
A1
I
—
I2C Slave Address Bit 1 Pin
18
16
SCL
I
ST
I2C Serial Clock Pin
19
17
SDA
I
ST
I2C Serial Data Pin
20
18
LAT0/HVC
I
ST
DAC Register Latch/High-Voltage Command Pin.
The Latch 0 pin allows the value in the volatile
DAC0/DAC2/DAC4/DAC6 registers (Wiper and Configuration bits)
to be transferred to the DAC0/DAC2/DAC4/DAC6 outputs (VOUT0,
VOUT2, VOUT4, VOUT6). The High-Voltage command allows user
Configuration bits to be written.
—21
EP
—
—
Exposed Thermal Pad(1)
Note 1:
A = Analog, ST = Schmitt Trigger, HV = High Voltage, I = Input, O = Output, I/O = Input/Output,
P= Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com