Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 13Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 14Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 15Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 16Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 17Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 18Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 19Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 20Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 17
MCP47FXBX4/8
1.1
Timing Waveforms and Requirements
1.1.1
WIPER SETTLING TIME
FIGURE 1-1:
VOUT Settling Time Waveforms.
1.1.2
LATCH PIN (LAT) TIMING
FIGURE 1-2:
LAT Pin Waveforms.
TABLE 1-1:
WIPER SETTLING TIMING
Timing Characteristics
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +1.8V to 5.5V, VSS =0V, RL =2 k from VOUT to GND, CL =100 pF.
Typical specifications represent values for VDD =5.5V, TA =+25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
VOUT Settling Time
(±0.5 LSb Error
Band, CL = 100 pF)
(see C.13 “Settling
Time”)
tS
—
7.8
—
µs
12-bit
Code = 400h
 C00h; C00h  400h(1)
Note 1:
Within 1/2 LSb of final value when code changes from 1/4 to 3/4 of FSR.
VOUT
± 0.5 LSb
Old Value
New Value
LATx
SCK
tLAT
Wx
TABLE 1-2:
LAT PIN TIMING
Timing Characteristics
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VSS =0V, RL =2 k from VOUT to GND, CL =100 pF.
Typical specifications represent values for VDD =5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
LATx Pin Pulse Width
tLAT
20
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com