Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 88 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 88 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 84Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 85Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 86Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 87Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 88Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 89Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 90Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 91Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 88
 2020 Microchip Technology Inc.
7.3
General Call Commands
The MCP47FXBX4/8 acknowledges the General Call
Address command (00h in the first byte). General Call
commands can be used to communicate to all devices
on the I2C bus (at the same time) that understand the
General Call command. The meaning of the general
call address is always specified in the second byte (see
Figure 7-8).
If the second byte has a ‘1’ in the LSb, the specification
intends this to indicate a “Hardware General Call”. The
MCP47FXBX4/8 will ignore this byte and all following
bytes (and A), until a Stop bit (P) is encountered.
The MCP47FXBX4/8 devices support the following I2C
General Call commands:
• General Call Reset (06h)
• General Call Wake-up (0Ah)
The General Call Reset command format is specified
by the I2C specification. The General Call Wake-Up
command is a Microchip-defined format. The General
Call Wake-Up command will have all devices wake up
(that is, exit the Power-Down mode).
The other two I2C specification command codes (04h
and 00h) are not supported. Therefore those com-
mands are Not Acknowledged.
If these 7-bit commands conflict with other I2C devices
on the bus, then the customer will need two I2C buses
and ensure that the devices are on the correct bus for
their desired application functionality.
FIGURE 7-8:
General Call Format.
Note:
Refer to the NXP specification #UM10204,
Rev. 03 19 June 2007 document for more
details on the General Call specifications.
The I2C specification does not allow
‘00000000’ (00h) in the second byte.
S
0
A
0
x
x
0
A
General Call address
“7-bit command”
0
0
0
0
0
0
0
x
P
0
0
0
I2C ACK bit(1)
A
P
S
x
x
I2C Start bit
GC command
I2C Stop bit(2,3)
Legend:
x
Note 1: The Acknowledge bit is generated by the MCP47FXBX4/8.
2: This command sequence does not need to terminate (using the Stop bit) and the General Call
command can be repeated, or another General Call command can be sent. Only the first
command will be accepted by the MCP47FXBX4/8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com