Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 51Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 52Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 53Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 54Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 55Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 56Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 57Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 58Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 55
MCP47FXBX4/8
4.2
Device Memory
User memory includes the following types:
• Volatile Register Memory (RAM)
• Nonvolatile Register Memory
• Device Configuration Memory
Each memory address is 16 bits wide. There are up to
17 nonvolatile user control bits that do not reside in
memory-mapped register space (see Section 4.2.3
“Device Configuration Memory”).
4.2.1
VOLATILE REGISTER MEMORY
(RAM)
There are up to twelve volatile memory locations:
• DAC0 through DAC7 Output Value registers
•VREF Select register
• Power-Down Configuration register
• Gain and STATUS register
• WiperLock Technology STATUS register
The volatile memory starts functioning when the
device VDD is at (or above) the RAM retention voltage
(VRAM). The volatile memory will be loaded with the
default device values when the VDD rises across the
VPOR/VBOR voltage trip point.
4.2.2
NONVOLATILE REGISTER
MEMORY
This device family uses the nonvolatile memory for the
DAC output value and Configuration registers:
• Nonvolatile DAC0 through DAC7 Output Value
registers
• Nonvolatile VREF Select register
• Nonvolatile Power-Down Configuration register
• Nonvolatile Gain and I2C Address register
The nonvolatile memory starts functioning below the
device’s VPOR/VBOR trip point, and is loaded into the
corresponding volatile registers whenever the device
rises above the POR/BOR voltage trip point.
The device starts writing the nonvolatile (EEPROM)
memory location at the completion of the serial inter-
face command, after the Acknowledge pulse of the
WRITE Single command. Continuous write commands
addressing the nonvolatile memory are not permitted.
Nonvolatile DAC registers enable the stand-alone
operation of the device (without microcontroller control)
after being programmed to the desired value.
4.2.3
DEVICE CONFIGURATION
MEMORY
There are up to seventeen nonvolatile user bits that are
not directly mapped into the address space. These
nonvolatile device Configuration bits control the follow-
ing functions:
• WiperLock technology for DAC registers and Con-
figuration (2 bits per DAC)
•I2C Slave Address Write Protect (Lock)
The STATUS register shows the states of the device
WiperLock technology Configuration bits. The STA-
TUS register is described in Register 4-6.
The operation of WiperLock technology is discussed in
Section 4.2.6 “WiperLock Technology”, while I2C
Slave Address Write Protect is discussed in
Section 4.2.7 “I2C Slave Address Write Protect”.
4.2.4
UNIMPLEMENTED REGISTER BITS
READ commands of a valid location will read
unimplemented bits as ‘0’.
4.2.5
UNIMPLEMENTED (RESERVED)
LOCATIONS
Normal (voltage) commands (READ or WRITE) to any
unimplemented memory address (reserved) will result
in a command error condition (NACK). READ com-
mands of a reserved location will read bits as ‘1’.
High-Voltage commands (enable or disable) to any
unimplemented Configuration bits will result in a
command error condition (NACK).
4.2.5.1
Default Factory POR Memory State
of Nonvolatile Memory (EEPROM)
Table 4-2 shows the default factory POR initialization
of the device memory map for the 8, 10 and 12-bit
devices. In case of volatile memory devices
(MCP47FVBXX), the factory default values cannot be
modified.
Note:
When the nonvolatile memory is written,
the corresponding volatile memory is not
modified.
Note:
The volatile memory locations will be
determined by the nonvolatile memory
states (registers and device Configuration
bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com