Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 63Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 64Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 65Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 66Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 67Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 68Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 69Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 70Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 67
MCP47FXBX4/8
The selection of the voltage is specified with the volatile
VRnB:VRnA Configuration bits (see Register 4-2).
There are nonvolatile and volatile VRnB:VRnA Configu-
ration bits. On a POR/BOR event, the state of the non-
volatile VRnB:VRnA Configuration bits is latched into the
volatile VRnB:VRnA Configuration bits.
When the user selects the VDD as reference, the VREF
pin voltage is not connected to the resistor ladder.
FIGURE 5-4:
Reference Voltage
Selection Implementation Block Diagram.
If the VREF pin is selected, then a selection has to be
made between the Buffered and Unbuffered mode.
5.2.1
BUFFERED MODE
The VREF pin voltage may be from 0.01V to VDD -
0.04V. The input buffer (amplifier) provides low offset
voltage, low noise, and a very high input impedance,
with only minor limitations on the input range and
frequency response.
5.2.2
UNBUFFERED MODE
The VREF pin voltage may be from VSS to VDD.
5.2.3
BAND GAP MODE
If the internal band gap is selected, then the external
VREF pin should not be driven and should only use
high-impedance loads.
The band gap output is buffered, but the internal
switches limit the current that the output should source
to the VREF pin. The resistor ladder buffer is used to
drive the band gap voltage for the cases of multiple
DAC outputs. This ensures that the resistor ladders are
always properly sourced when the band gap is
selected.
5.3
Internal Band Gap
The internal band gap is designed to drive the resistor
ladder buffer.
The resistance of a resistor ladder (RRL) is targeted to
be 140 k
 (40 k), which means a minimum resis-
tance of 100 k
.
The band gap selection can be used across the VDD
voltages while maximizing the VOUT voltage ranges.
For VDD voltages below the 2 × Gain × VBG voltage, the
output for the upper codes will be clipped to the VDD
voltage. Table 5-1 shows the maximum DAC register
code given device VDD and Gain bit setting.
Note 1: Any variation or noises on the reference
source can directly affect the DAC output.
The reference voltage needs to be as
clean as possible for accurate DAC
performance.
2: If the VREF pin is tied to the VDD voltage,
the VDD mode (VRnB:VRnA = ‘00’) is
recommended.
Note 1: The band gap voltage (VBG) is 1.22V
typical. The band gap output goes
through the buffer with a 2x gain to
create the VRL voltage. See Table 5-1
for additional information on the band
gap circuit.
VDD
VRL
Band Gap(1)
(1.227V typical)
VDD
PDnB:PDnA and
VRnB:VRnA
PDnB:PDnA and
VRnB:VRnA
VDD
PDnB:PDnA and
VRnB:VRnA
VREF
Note 1: The voltage source should have a low
output impedance. If the voltage source
has a high output impedance, then the
voltage on the VREF pin is lower than
expected. The resistor ladder has a
typical impedance of 140 k
 and a
typical capacitance of 29 pF.
2: If the VREF pin is tied to the VDD voltage,
the VDD mode (VRnB:VRnA = ‘00’) is
recommended.
TABLE 5-1:
VOUT USING BAND GAP
Max DAC Code(1)
Comment
12-bit 10-bit 8-bit
5.5
1
FFFh
3FFh
FFh VOUT(max) = 2.44V(2)
2
FFFh
3FFh
FFh VOUT(max) = 4.88V(2)
2.7
1
FFFh
3FFh
FFh VOUT(max) = 2.44V(2)
2
8CDh
233h
8Ch ~ 0 to 56% range
Note 1:
Without the VOUT pin voltage being clipped.
2:
When VBG = 1.22V typical.
3:
Band gap performance achieves full
performance starting from a VDD of 2.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com