Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 81 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 81 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 77Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 78Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 79Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 80Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 81Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 82Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 83Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 84Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 81
MCP47FXBX4/8
FIGURE 7-1:
Write Random Address Command (Volatile and Nonvolatile Memory).
FIGURE 7-2:
I2C ACK/NACK Behavior (Write Command Example).
Memory Address
I2C ACK bit(1)
Note 1: The Acknowledge bit is generated by the MCP47FXBX4/8.
2: At the falling edge of the SCL pin for the WRITE command ACK bit, the MCP47FXBX4/8 device updates
the value of the specified device register.
3: This command sequence does not need to terminate (using the Stop bit) and the WRITE command can
be repeated.
SA
6
S
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
0
0
A
AD
4
AD
3
AD
2
AD
1
AD
0
0
0
X
A
AD
n
D
15
D
14
D
13
D
12
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
A
P
A
A
P
S
X
SA
n
0
0
I2C Start bit
I2C Slave Address
I2C Write bit
Write command
Reserved, should be set to ‘0’
I2C Stop bit(3)
D
nn
Register data (to be written)(2)
Control byte
Write command
Data to write MSB
Data to write LSB
Legend:
Write 1 Word Command
S
Slave Address
Command
Data Byte
Data Byte
P
Master
S
0
x
P
Example 1 (No Command Error)
Master
S 1 1 0 0 0 0 0 01 0 0 0 0 1 0 0 x1 d d d d d d d d1 d d d d d d d d1 P
MCP47FXBX4/8
0
0
0
0
I2C Bus
S 1 1 0 0 0 0 0 00 0 0 0 0 1 0 0 x0 d d d d d d d d0 d d d d d d d d0 P
Example 2 (Command Error)
Master
S 1 1 0 0 0 0 0 01 0 1 1 1 1 0 0 x1 d d d d d d d d1 d d d d d d d d1 P
MCP47FXBX4/8
0
1
1
1
I2C Bus
S 1 1 0 0 0 0 0 00 0 1 1 1 1 0 0 x0 d d d d d d d d1 d d d d d d d d1 P
Note: Once a command error occurs (example 2), the device will NACK until a Start condition occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com