Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 47Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 48Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 49Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 50Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 51Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 52Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 53Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 54Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 51
MCP47FXBX4/8
3.1
Positive Power Supply Input (VDD)
VDD is the positive supply voltage input pin. The input
supply voltage is relative to VSS.
The power supply at the VDD pin should be as clean as
possible for a good DAC performance. It is
recommended to use an appropriate bypass capacitor
of about 0.1 µF (ceramic) to ground. An additional
10 µF capacitor (tantalum) in parallel is also
recommended to further attenuate noise present in
application boards.
3.2
Ground (VSS)
The VSS pin is the device ground reference.
The user must connect the VSS pin to a ground plane
through a low-impedance connection. If an analog
ground path is available in the application PCB (Printed
Circuit Board), it is highly recommended that the VSS
pin be tied to the analog ground path or isolated within
an analog ground plane of the circuit board.
3.3
Voltage Reference Pins (VREF)
The VREF pin is either an input or an output. When the
DAC’s voltage reference is configured as the VREF pin,
the pin is an input. When the DAC’s voltage reference is
configured as the internal band gap, the pin is an output.
When the DAC’s voltage reference is configured as the
VREF pin, there are two options for this voltage input:
•VREF pin voltage buffered
•VREF pin voltage unbuffered
The buffered option is offered in cases where the exter-
nal reference voltage does not have sufficient current
capability to not drop its voltage when connected to the
internal resistor ladder circuit.
When the DAC’s voltage reference is configured as the
device VDD, the VREF pin is disconnected from the
internal circuit.
When the DAC’s voltage reference is configured as the
internal band gap, the VREF pin’s drive capability is min-
imal, so the output signal should be buffered.
There are two VREF pins, each corresponding to a
group of output channels. VREF0 is connected to even
channels: 0-6, while VREF1 is connected to odd chan-
nels: 1-7. See Section 5.2 “Voltage Reference Selec-
tion” and Register 4-2 for more details on the
Configuration bits.
3.4
Analog Output Voltage Pins
(VOUTn)
VOUT is the DAC analog voltage output pin. The DAC
output has an output amplifier. The DAC output range
depends on the selection of the voltage reference
source (and potential output gain selection). These are:
• Device VDD – The full-scale range of the DAC out-
put is from VSS to approximately VDD.
•VREF pin – The full-scale range of the DAC output
is from VSS to G × VRL, where G is the gain selec-
tion option (1x or 2x).
• Internal Band Gap – The full-scale range of the
DAC output is from VSS to G × (2 × VBG), where G
is the gain selection option (1x or 2x).
In Normal mode, the DC impedance of the output pin is
about 1
. In Power-Down mode, the output pin is
internally connected to a known pull-down resistor of
1k
, 125 k, or open. The power-down selection bits
settings are shown in Register 4-3 and Table 5-4.
3.5
Latch Pin (LAT)/High-Voltage
Command (HVC)
The DAC output value update event can be controlled
and synchronized using the LAT pins, for one or both
channels, on a single or different devices.
The LAT pins control the effect of the Volatile Wiper
registers, VRnB:VRnA, PDnB:PDnA and Gx bits on the
DAC output.
If the LAT pins are held at VIH, the values sent to the
Volatile Wiper registers and Configuration bits have no
effect on the DAC outputs.
Once voltage on the pin transitions to VIL, the values in
the Volatile Wiper registers and Configuration bits are
transferred to the DAC outputs.
The pin is level-sensitive, so writing to the Volatile
Wiper registers and Configuration bits, while it is being
held at VIL, will trigger an immediate change in the
outputs.
The HVC pin allows the device’s nonvolatile user Con-
figuration bits to be programmed when the voltage on
the pin is greater than the VIHH entry voltage.
3.6
I2C - Serial Clock Pin (SCL)
The SCL pin is the serial clock pin of the I2C interface.
The MCP47FXBX4/8 I2C interface only acts as a slave
and the SCL pin accepts only external serial clocks.
The input data from the master device is shifted into the
SDA pin on the rising edges of the SCL clock and
output from the device occurs at the falling edges of the
SCL clock. The SCL pin is an open-drain, N-channel
driver. Therefore, it needs an external pull-up resistor
from the VDD line to the SCL pin. Refer to Section 6.0
“I2C Serial Interface Module” for more details on the
I2C serial interface communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com