Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBFP450M Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 7Page - Sanyo Semicon Device SBFP450M Datasheet HTML 8Page - Sanyo Semicon Device SBFP450M Datasheet HTML 9Page - Sanyo Semicon Device SBFP450M Datasheet HTML 10Page - Sanyo Semicon Device SBFP450M Datasheet HTML 11Page - Sanyo Semicon Device SBFP450M Datasheet HTML 12Page - Sanyo Semicon Device SBFP450M Datasheet HTML 13Page - Sanyo Semicon Device SBFP450M Datasheet HTML 14Page - Sanyo Semicon Device SBFP450M Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SBFP450M
No.7493-11/20
S パラメータ(エミッタ接地)
VCE=2V, IC=20mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.597
--115.2
27.281
123.7
0.031
48.0
0.682
--79.5
400
0.651
--146.8
16.207
102.8
0.038
40.2
0.528
--113.7
600
0.676
--160.3
11.100
91.2
0.044
40.9
0.494
--131.4
800
0.670
--168.4
8.361
85.2
0.050
44.3
0.445
--141.2
1000
0.671
--173.7
6.684
79.9
0.056
45.9
0.431
--149.2
1200
0.667
--179.1
5.573
75.6
0.062
48.6
0.419
--154.8
1400
0.665
176.2
4.777
71.6
0.070
49.9
0.408
--160.3
1600
0.663
172.3
4.198
67.9
0.078
50.2
0.403
--164.5
1800
0.662
168.0
3.732
64.3
0.085
50.4
0.395
--168.6
2000
0.661
164.0
3.372
60.5
0.093
50.0
0.386
--171.8
2200
0.663
160.5
3.095
57.1
0.101
49.0
0.384
--176.5
2400
0.664
156.6
2.848
53.2
0.109
47.9
0.382
179.5
2600
0.666
152.7
2.638
49.5
0.117
46.5
0.381
175.6
2800
0.667
149.2
2.452
46.1
0.124
45.2
0.384
172.0
3000
0.671
145.4
2.296
42.6
0.131
43.2
0.391
167.8
3200
0.675
141.9
2.157
39.2
0.139
41.7
0.398
163.5
3400
0.680
138.5
2.027
35.8
0.145
39.7
0.408
159.9
3600
0.688
135.4
1.913
32.5
0.150
37.9
0.414
156.3
3800
0.692
132.4
1.808
29.4
0.156
36.1
0.427
153.2
4000
0.699
129.5
1.715
26.3
0.162
34.5
0.437
150.2
4200
0.707
126.8
1.632
23.3
0.168
32.6
0.450
147.0
4400
0.714
124.1
1.554
20.3
0.172
30.8
0.460
144.6
4600
0.723
121.5
1.483
17.5
0.177
29.1
0.469
142.0
4800
0.729
119.1
1.420
14.7
0.183
27.2
0.477
140.0
5000
0.733
116.9
1.362
12.0
0.187
25.6
0.486
138.0
5200
0.741
114.5
1.310
9.2
0.192
23.8
0.492
135.8
5400
0.743
112.3
1.263
6.6
0.196
22.2
0.501
133.9
5600
0.745
110.0
1.218
4.0
0.201
20.5
0.505
132.2
5800
0.747
107.8
1.181
1.4
0.206
18.5
0.510
129.8
6000
0.744
103.1
1.133
--2.5
0.208
15.1
0.516
125.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com