Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBFP450M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SBFP450M Datasheet HTML 1Page - Sanyo Semicon Device SBFP450M Datasheet HTML 2Page - Sanyo Semicon Device SBFP450M Datasheet HTML 3Page - Sanyo Semicon Device SBFP450M Datasheet HTML 4Page - Sanyo Semicon Device SBFP450M Datasheet HTML 5Page - Sanyo Semicon Device SBFP450M Datasheet HTML 6Page - Sanyo Semicon Device SBFP450M Datasheet HTML 7Page - Sanyo Semicon Device SBFP450M Datasheet HTML 8Page - Sanyo Semicon Device SBFP450M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SBFP450M
No.7493-3/20
--50
--40
--30
--20
--10
0
10
20
--30
--10
--20
0
20
10
30
Pin -- Pout
入力レベル, Pin -- dBm
IT05936
NF -- IC
コレクタ電流, IC -- mA
IT05935
100
50
200
150
300
250
400
350
500
450
0
020
406080
100
120
140
160
周囲温度, Ta -- °C
PC -- Ta
IT05937
020
30
40
10
60
50
70
90
80
110
100
120
0
1
3
5
2
4
Zs=50
Ω
Zs=Zsopt
VCE=1V
f=1.8GHz
f=1.8GHz
VCE=1V
IC=50mA
Zs=50
Ω
Zs=
Zsopt
1.0
23
5
7
3
5
7
10
2
100
S21e
2 -- IC
コレクタ電流, IC -- mA
IT05933
0
2
4
6
10
8
14
12
020
30
40
10
60
50
70
90
80
110
100
120
0
1
3
5
2
4
NF -- IC
コレクタ電流, IC -- mA
IT05934
Zs=50
Ω
Zs=Zsopt
VCE=3V
f=1.8GHz
VCE
=3V
1V
f=1.8GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com